Electronic Components Datasheet Search
  English  ▼

X  

ADP5585 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5585
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5585 Datasheet HTML 7Page - Analog Devices ADP5585 Datasheet HTML 8Page - Analog Devices ADP5585 Datasheet HTML 9Page - Analog Devices ADP5585 Datasheet HTML 10Page - Analog Devices ADP5585 Datasheet HTML 11Page - Analog Devices ADP5585 Datasheet HTML 12Page - Analog Devices ADP5585 Datasheet HTML 13Page - Analog Devices ADP5585 Datasheet HTML 14Page - Analog Devices ADP5585 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 11 of 40
Use Registers PIN_CONFIG_A[7:0] and PIN_CONFIG_B[7:0]
to configure I/Os for keypad decoding. The number label on
each key switch represents the event identifier that is recorded
if that switch was pressed. If all row/column pins are config-
ured, it is possible to observe all 25 key identifiers on the
FIFO. A larger 6 × 5 matrix can be configured by using the
ADP5585ACBZ-01-R7 or the ADP5585ACPZ-01-R7.
If a smaller 2 × 2 matrix is configured, for example, by using the
C2 and C3 column pins and the R1 and R2 row pins, only the
four event identifiers (8, 9, 13, and 14) can possibly be observed
on the FIFO, as shown in Figure 11.
By default, ADP5585 records key presses and releases on the
FIFO. Figure 12 illustrates what happens when a single key is
pressed and released. Initially, the key scanner is idle. When
Key 3 is pressed, the scanner begins scanning through all
configured row/column pairs. After the scan wait time, the
scanner again scans through all configured row/column pairs
and detects that Key 3 has remained pressed, which sets the
EVENT_INT interrupt. The event counter, EC[4:0], is incre-
mented to 1, EVENT1_IDENTIFIER[6:0] of the FIFO is
updated with its event identifier set to 3, and its
EVENT1_STATE bit is set to 1, indicating a press.
KEY 3
KEY 3 PRESS
KEY 3 RELEASE
KEY SCAN
EVENT_INT
EC[4:0]
FIFO
1
2
1
0
0
0
3
3
0
0
Figure 12. Press and Release Event
The key scanner continues the scan/wait cycles while the key
remains pressed. If the scanner detects that the key has been
released for two consecutive scan cycles, the event counter,
EC[4:0], is incremented to 2, and EVENT2_IDENTIFIER[6:0]
of the FIFO is updated with its event identifier set to 3. Its
EVENT2_STATE bit is set to 0, indicating a release. The key
scanner returns to idle mode because no other keys are pressed.
The EVENT_INT interrupt can be triggered by both press and
release key events. As shown in Figure 14, if Key 3 is pressed,
EVENT_INT is asserted, EC[4:0] is updated, and the FIFO is
updated. During the time that the key remains pressed, it is
possible for the FIFO to be read, the event counter decremented
to 0, and EVENT_INT cleared. When the key is finally released,
EVENT_INT is asserted, the event counter is incremented, and
the FIFO is updated with the release event information.
KEY 3
KEY 3 PRESS
KEY 32 RELEASE
KEY SCAN
EVENT_INT
EVENT_INT CLEARED
EC[4:0]
FIFO
FIFO
READ
0
0
0
0
0
0
0
0
FIFO
1
0
0
0
3
0
0
0
FIFO
10
1
0
0
0
0
3
0
0
0
Figure 13. Asserting the EVENT_INT Interrupt Key Pad Extension
As shown in Figure 11, the keypad can be extended if each row
is connected directly to ground by a switch. If the switch placed
between R0 and ground is pressed, the entire row is grounded.
When the key scanner completes scanning, it normally detects
Key 1 to Key 5 as being pressed; however, this unique condition
is decoded by the ADP5585, and Key Event 31 is assigned to it.
Up to eight more key event assignments are possible, allowing the
keypad size to extend up to 30. However, if one of the extended
keys is pressed, none of the keys on that row is detectable.
Activation of a ground key causes all other keys sharing that
row to be undetectable.
Ghosting
Ghosting is an occurrence where, given certain key press com-
binations on a keypad matrix, a false positive reading of an
additional key is detected. Ghosting is created when three or
more keys are pressed simultaneously on multiple rows or
columns (see Figure 14). Key combinations that form a right
angle on the keypad matrix can cause ghosting.
The solution to ghosting is to select a keypad matrix layout that
takes into account three key combinations that are most likely
to be pressed together. Multiple keys pressed across one row or
across one column do not cause ghosting. Staggering keys so that
they do not share a column also avoids ghosting. The most
common practice is to place keys that are likely to be pressed
together in the same row or column. Some examples of keys
that are likely to be pressed together are as follows:
The navigation keys in combination with Select.
The navigation keys in combination with the space bar.
The reset combination keys, such as CTRL + ALT + DEL.
COL0
ROW0
ROW1
ROW2
ROW3
PRESS
GHOST
PRESS
PRESS
COL1
COL2
Figure 14. COL0: ROW3 is a Ghost Key Due to a Short Among ROW0, COL0,
COL2, and ROW3 During Key Press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com