Electronic Components Datasheet Search
  English  ▼

X  

ADP5589 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5589
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5589 Datasheet HTML 44Page - Analog Devices ADP5589 Datasheet HTML 45Page - Analog Devices ADP5589 Datasheet HTML 46Page - Analog Devices ADP5589 Datasheet HTML 47Page - Analog Devices ADP5589 Datasheet HTML 48Page - Analog Devices ADP5589 Datasheet HTML 49Page - Analog Devices ADP5589 Datasheet HTML 50Page - Analog Devices ADP5589 Datasheet HTML 51Page - Analog Devices ADP5589 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 49 of 52
OUTLINE DIMENSIONS
0.40
BSC
0.50
0.40
0.30
0.25
0.20
0.15
COMPLIANT
TO JEDEC STANDARDS MO-220-WFFE.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
3.60
3.50 SQ
3.40
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.30
2.20 SQ
2.10
Figure 32. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3.5 mm × 3.5 mm Body, Very Very Thin Quad
(CP-24-11)
Dimensions shown in millimeters
A
B
C
D
E
0.560
0.500
0.440
SIDE VIEW
0.230
0.200
0.170
0.300
0.260
0.220
COPLANARITY
0.05
SEATING
PLANE
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.40
REF
1.60
REF
2.030
1.990 SQ
1.950
Figure 33. 25-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-25-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5589ACPZ-00-R7
−40°C to +85°C
24-Lead Lead Frame Chip Scale Package[LFCSP_WQ]
CP-24-11
ADP5589ACPZ-01-R7
−40°C to +85°C
24-Lead Lead Frame Chip Scale Package[LFCSP_WQ]
CP-24-11
ADP5589ACPZ-02-R7
−40°C to +85°C
24-Lead Lead Frame Chip Scale Package[LFCSP_WQ]
CP-24-11
ADP5589ACBZ-00-R7
−40°C to +85°C
25-Ball Wafer Level Chip Scale Package[WLCSP]
CB-25-5
ADP5589ACBZ-01-R7
−40°C to +85°C
25-Ball Wafer Level Chip Scale Package[WLCSP]
CB-25-5
ADP5589ACBZ-02-R7
−40°C to +85°C
25-Ball Wafer Level Chip Scale Package[WLCSP]
CB-25-5
ADP5589CP-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com