Electronic Components Datasheet Search
  English  ▼

X  

ADP5589 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5589
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5589 Datasheet HTML 16Page - Analog Devices ADP5589 Datasheet HTML 17Page - Analog Devices ADP5589 Datasheet HTML 18Page - Analog Devices ADP5589 Datasheet HTML 19Page - Analog Devices ADP5589 Datasheet HTML 20Page - Analog Devices ADP5589 Datasheet HTML 21Page - Analog Devices ADP5589 Datasheet HTML 22Page - Analog Devices ADP5589 Datasheet HTML 23Page - Analog Devices ADP5589 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 20 of 52
Figure 30 shows a typical multibyte read sequence for reading
internal registers. The cycle begins with a start condition, followed
by the 7-bit device address (0x34), followed by the R/W bit set
to 0 for a write cycle. The ADP5589 acknowledges the address
byte by pulling the data line low. The address of the register
from which data is to be read is sent next. The ADP5589 acknowl-
edges the register pointer byte by pulling the data line low. A start
condition is repeated, followed by the 7-bit device address (0x34),
followed by the R/W bit set to 1 for a read cycle. The ADP5589
acknowledges the address byte by pulling the data line low. The
8-bit data is then read. The address pointer is then incremented
to read the next data byte, and the host continues to pull the data
line low for each byte (master acknowledge) until the n data
byte is read. The host pulls the data line high (no acknowledge)
after the last byte is read, and a stop condition completes the
sequence.
START
0 = WRITE
7-BIT DEVICE ADDRESS
7-BIT DEVICE ADDRESS
ADP5589 ACK
8-BIT REGISTER POINTER
READ BYTE 1
READ BYTE 2
READ BYTE n
00
0
1
0
0
0
0
1
REPEAT START
1 = READ
ADP5589 ACK
ADP5589 ACK
MASTER ACK
MASTER ACK
MASTER ACK
NO ACK
STOP
Figure 30. I2C Multibyte Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com