Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8355-1
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VREF Voltage vs Temperature
VREF Line Regulation
VREF Load Regulation
Switching Frequency vs RT
Resistor
Switching Frequency (400kHz) vs
Temperature
Switching Frequency (100kHz) vs
Temperature
Switching Frequency (2MHz) vs
Temperature
ISP − ISN Voltage vs ISP Voltage
ISP − ISN Accuracy Full-Scale
Threshold vs Temperature
VCTRL1,2 = 2V, VIADJ2 = 2V
ISN = 0V
ISP = 48V
ISP = 100V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
240.0
242.5
245.0
247.5
250.0
252.5
255.0
257.5
260.0
8355-1 G18
GATE2
GATE1
RT = 215k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
96
100
104
108
112
116
8355-1 G15
IREF PIN CURRENT (mA)
0 0.1 0.2 0.4 0.5 0.6 0.7 0.8 1.0 1.1 1.2
1.94
1.96
1.98
2.00
2.02
2.04
2.06
8355-1 G12
ISP PIN VOLTAGE (V)
0 10 20 30 40 50 60 70 80 90 100 110
240.0
242.5
245.0
247.5
250.0
252.5
255.0
257.5
260.0
8355-1 G17
GATE2
GATE1
RT = 51.1k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
380
390
400
410
420
430
440
450
8355-1 G14
IVREF = 0.5 mA
VIN PIN VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
1.94
1.96
1.98
2.00
2.02
2.04
2.06
8355-1 G11
GATE2
GATE1
RT = 9.09k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
8355-1 G16
GATE1
GATE2
RT RESISTOR (kΩ)
8 10
100
300
100k
1M
3M
8355-1 G13
IVREF = 0.5 mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.94
1.96
1.98
2.00
2.02
2.04
2.06
8355-1 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com