Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3756 Datasheet HTML 13Page - Analog Devices LT3756 Datasheet HTML 14Page - Analog Devices LT3756 Datasheet HTML 15Page - Analog Devices LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices LT3756 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT8355-1
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Maximum Duty as a Function of Switching Frequency
CHANNEL 1
CHANNEL 2
CHANNEL 1 SWITCHING FREQUENCY (Hz)
100k
1M
2M
85
87
89
91
93
95
97
99
8355-1 F05
Table 2. Recommended PWM Voltage for Selected PWM Duties
PWM DUTY
PWM PIN VOLTAGE
1%
0.560V
5%
0.880V
10%
1.022V
14.75%
1.095V
20%
1.160V
25%
1.205V
33.3%
1.260V
50%
1.345V
76.5%
1.430V
100%
>1.6V
Spread Spectrum Frequency Modulation
The internal spread spectrum frequency modulation is
always enabled in the LT8355-1. The modulating wave-
form is a triangle wave with steps at the positive and neg-
ative peaks. The modulation frequency is around 2kHz,
and the switching frequency range is from 100% to 125%
of the programmed value. If spread spectrum frequency
modulation does not provide sufficient EMI attenuation
even with good PCB design, consider slowing the switch
turn-on speed by placing a 5Ω to 10Ω resistor between
the GATE pin and the external NMOS switch. Please refer
to the EVAL-LT8355-1-AZ evaluation circuit for a low EMI
reference design and layout.
Maximum Duty Ratio
Since LT8355-1 uses a switch to connect an inductor from
VIN to ground, having a duty ratio of 100% would result in
zero current flowing to the load. To prevent this situation,
the part enforces a minimum off time. During this time,
irrespective of load or demand, the switch turns off and
allows the inductor current to flow into the load. The duty
ratio can, therefore, never reach 100%. The maximum duty
ratio varies with frequency. Due to the very wide range of
input and output voltages offered by LT8355-1, a signifi-
cant minimum off time of around 170ns exists to allow the
switch node more time to slew up to the output. However,
as switching frequency increases, this minimum off time
folds back to 60ns to avoid limiting switch duty ratio
unreasonably. For this reason, lower switching frequency
(<400kHz) is recommended for high voltage (>60V) output
applications. See Figure 5 for the typical maximum duty
ratio as a function of switching frequency. Consider adding
margin to account for variations in component values and
LT8355-1 switching frequencies variations.
Maximum Switch Current
An important system parameter is the current limit. This
prevents damage to system components by limiting the
maximum instantaneous current conducting through the
power switch. In a well-designed system, there will be
margin between the maximum switch current to drive
the LED load and the switch current limit. The LT8355-1
offers a current limit that has sufficient slope compensa-
tion so that reaching the current limit during line and load
transients does not result in subharmonic oscillations.
The switch current sense resistor programs the switch
current limit as 0.1/RSENSE. Normally, the loop limits
switch current based on the value of the sense resistor.
The loop will not typically command a voltage VSENSEP
– VSENSEN of more than 100mV. A good rule of thumb
for setting maximum LED current for boost and buck-
boost power stages appears in Equation 6. This equation
assumes that the inductor selection used limits current
ripple to around 20% of average current. For more infor-
mation, see the Inductor Selection section.
ILED,MAX(20%ripple)=
0.9 •(100mV)
RSENSE
•
VIN
VISP
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com