Electronic Components Datasheet Search
  English  ▼

X  

F1350 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization 550MHz to 1150MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 9Page - Renesas Technology Corp F1350 Datasheet HTML 10Page - Renesas Technology Corp F1350 Datasheet HTML 11Page - Renesas Technology Corp F1350 Datasheet HTML 12Page - Renesas Technology Corp F1350 Datasheet HTML 13Page - Renesas Technology Corp F1350 Datasheet HTML 14Page - Renesas Technology Corp F1350 Datasheet HTML 15Page - Renesas Technology Corp F1350 Datasheet HTML 16Page - Renesas Technology Corp F1350 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DPD Demodulator for PA
Linearization 550MHz to 1150MHz
F1300
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
13
February 7, 2022
F1300
DATASHEET
TOCS [Fixed IF] (-3-)
IP2O vs. TCASE [Low Side Injection]
IP2O vs. VCC [Low Side Injection]
IP2O vs. LO level [Low Side Injection]
IP2O vs. TCASE [High Side Injection]
IP2O vs. VCC [High Side Injection]
IP2O vs. LO level [High Side Injection]
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
-40degC / 5.00V / 0dBm / IF_I
-40degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
100degC / 5.00V / 0dBm / IF_I
100degC / 5.00V / 0dBm / IF_Q
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.25V / 0dBm / IF_I
25degC / 5.25V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 4.75V / 0dBm / IF_I
25degC / 4.75V / 0dBm / IF_Q
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.00V / 3dBm / IF_I
25degC / 5.00V / 3dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / -3dBm / IF_I
25degC / 5.00V / -3dBm / IF_Q
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
-40degC / 5.00V / 0dBm / IF_I
-40degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
100degC / 5.00V / 0dBm / IF_I
100degC / 5.00V / 0dBm / IF_Q
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.25V / 0dBm / IF_I
25degC / 5.25V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 4.75V / 0dBm / IF_I
25degC / 4.75V / 0dBm / IF_Q
20
30
40
50
60
70
80
90
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.00V / 3dBm / IF_I
25degC / 5.00V / 3dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / -3dBm / IF_I
25degC / 5.00V / -3dBm / IF_Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com