Electronic Components Datasheet Search
  English  ▼

X  

F1350 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization 550MHz to 1150MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 17Page - Renesas Technology Corp F1350 Datasheet HTML 18Page - Renesas Technology Corp F1350 Datasheet HTML 19Page - Renesas Technology Corp F1350 Datasheet HTML 20Page - Renesas Technology Corp F1350 Datasheet HTML 21Page - Renesas Technology Corp F1350 Datasheet HTML 22Page - Renesas Technology Corp F1350 Datasheet HTML 23Page - Renesas Technology Corp F1350 Datasheet HTML 24Page - Renesas Technology Corp F1350 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DPD Demodulator for PA
Linearization 550MHz to 1150MHz
F1300
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
21
February 7, 2022
F1300
DATASHEET
TOCS [NF, Switch Iso, Port Matches] (-11-)
Noise Figure
RF Switch Isolation
LO Port Return Loss
LO Switch Isolation
RF Port Return Loss [LO=1.06 GHz, LOA selected]
IF Port Return Loss
8
10
12
14
16
18
20
22
600
700
800
860
900
1000
1100
Low Side
High Side
RF Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.010
0.100
1.000
RF Frequency (GHz)
RF_X Selected / RF_X to RF_Y
RF_X Selected / RF_Y to RF_X
RF_Y Selected / RF_X to RF_Y
RF_Y Selected / RF_Y to RF_X
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.100
1.000
LO Frequency (GHz)
LOA Port RL / LOA Selected
LOA Port RL / LOB Selected
LOB Port RL / LOA Selected
LOB Port RL / LOB Selected
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.010
0.100
1.000
LO Frequency (GHz)
LO_A Selected / LO_A to LO_B
LO_A Selected / LO_B to LO_A
LO_B Selected / LO_A to LO_B
LO_B Selected / LO_B to LO_A
-40
-35
-30
-25
-20
-15
-10
-5
0
0.100
1.000
RF Frequency (GHz)
RFX Port RL / RFX Selected
RFX Port RL / RFY Selected
RFY Port RL / RFX Selected
RFY Port RL / RFY Selected
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.010
0.100
1.000
IF Frequency (GHz)
IF_I Port RL / LOA Selected
IF_I Port RL / LOB Selected
IF_Q Port RL / LOA Selected
IF_Q Port RL / LOB Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com