Electronic Components Datasheet Search
  English  ▼

X  

F1375 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1375
Description  DPD Demodulator for PA Linearization 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1375 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1375 Datasheet HTML 1Page - Renesas Technology Corp F1375 Datasheet HTML 2Page - Renesas Technology Corp F1375 Datasheet HTML 3Page - Renesas Technology Corp F1375 Datasheet HTML 4Page - Renesas Technology Corp F1375 Datasheet HTML 5Page - Renesas Technology Corp F1375 Datasheet HTML 6Page - Renesas Technology Corp F1375 Datasheet HTML 7Page - Renesas Technology Corp F1375 Datasheet HTML 8Page - Renesas Technology Corp F1375 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DPD Demodulator for PA
Linearization 1300MHz to 2900MHz
F1375
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
1
February 7, 2022
DESCRIPTION
This document describes the preliminary specification for
the F1375 Digital Pre-Distortion Demodulator for PA
linearization. This series of devices is offered in two
frequency variants to cover common UTRA bands.
COMPETITIVE ADVANTAGE
In typical basestation transmitters digital pre-distortion is
employed to improve the Transmitter performance. The
signal out of the PA is sampled and the incoming Tx
chain I&Q data is pre-distorted to counteract the
distortion inherent in the PA. The PA signal is adjusted
via a digital step attenuator to a lower level and then sub-
sampled at an IF frequency of ~200 MHz which
necessitates the need for a highly linear demodulator to
downmix to quadrature IF from the Transmit frequency.
By sampling IF_I and IF_Q independently and then
digitally combining these signals, an effective doubling of
the sample rate can be achieved. Any distortion in this
path will degrade the performance of the DPD algorithm.
By utilizing an ultra-linear demodulator w/integrated DSA
such as the F1375, the ACLR and/or power consumption
of the full Tx system can be improved significantly.
D
DP
PD
D ffu
ullll p
pa
atth
h A
AC
CL
LR
R::
⇓
⇓ 11 d
dB
B
IIcccc:: D
DP
PD
D ffu
un
nc
cttiio
on
n P
Po
ow
we
err
C
Co
on
ns
su
um
mp
pttiio
on
n
⇓
⇓ 4400%
%
Z
Ze
erro
o--D
Diis
stto
orrttiio
on
nTTM
M D
De
em
mo
od
d
e
elliim
miin
na
atte
es
s 2
2 IIF
F a
am
mp
ps
s
IIn
ntte
eg
grra
atte
es
s 2
2 B
BP
PF
Fs
s,, 2
2 B
Ba
allu
un
ns
s,,
S
SP
P2
2T
T R
RF
F s
sw
wiittc
ch
h
G
Glliittc
ch
h--F
Frre
ee
eTTM
M g
ga
aiin
n c
co
on
nttrro
oll
PART# MATRIX
Part#
RF range
UTRA
bands
IF freq
range
Typ.
Gain
Injection
F
F1
13
32
25
5
5
55
50
0 -- 1
11
15
50
0
5
5,,6
6,,8
8,,1
12
2,,1
13
3,,
1
14
4,,1
17
7
2
20
0 -- 3
35
50
0
8
8..2
2
H
Hiig
gh
h S
Siid
de
e
o
orr L
Lo
ow
w S
Siid
de
e
F
F1
13
37
75
5
1
13
30
00
0 -- 2
29
90
00
0
1
1,,2
2,,3
3,,4
4,,9
9,,1
10
0
7
7,,2
21
1,, 2
24
4,, 3
38
8
2
20
0 -- 5
50
00
0
9
9
H
Hiig
gh
h S
Siid
de
e
o
orr L
Lo
ow
w S
Siid
de
e
FEATURES (I OR Q PATH)
•
Wide flat performance IF BW
•
Wide RF and LO BWs (~ 1.6 GHz)
•
Ideal for Multi-Carrier Systems
••
D
Drriiv
ve
es
s A
AD
DC
C d
diirre
ec
cttlly
y
•
Ultra linear +
+4
40
0 d
dB
Bm
m IIP
P3
3O
O
•
Low Noise Figure
•
Excellent ACLR performance
•
100
Ω output impedance
•
Fully integrated DPD demodulator
••
6
6 x
x 6
6 m
mm
m 3
36
6--p
piin
n p
pa
ac
ck
ka
ag
ge
e
•
Standby Mode w/Fast Recovery
•
ICC: 2
27
70
0 m
mA
A
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
IFI
IBIAS
Bias
Control
STBY
IFQ
90
O
DEC
CLK
SPI
CSb SDI
RFIN_X
RFIN_Y
.
SPLIT
LOIN
ISET
2
RF_SEL
RF VCO
F1375NBGI8
0.8 mm height
package
Green
Industrial
Temp range
RF product Line
Tape &
Reel
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1375

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1370 IDT-F1370 Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1370 RENESAS-F1370 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
F1370 RENESAS-F1370 Datasheet
1Mb / 26P
Wide flat performance IF BW
Rev4, January 2014
logo
Cree, Inc
F13700 CREE-F13700 Datasheet
350Kb / 3P
Barbara series
logo
Ledil, Inc.
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
More results

Similar Description - F1375

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
Demodulator for Satellite Receivers
logo
Linear Technology
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
DPD Demodulator for PA Linearization
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
DPD Demodulator for PA Linearization
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com