Electronic Components Datasheet Search
  English  ▼

X  

F1375 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1375
Description  DPD Demodulator for PA Linearization 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1375 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1375 Datasheet HTML 9Page - Renesas Technology Corp F1375 Datasheet HTML 10Page - Renesas Technology Corp F1375 Datasheet HTML 11Page - Renesas Technology Corp F1375 Datasheet HTML 12Page - Renesas Technology Corp F1375 Datasheet HTML 13Page - Renesas Technology Corp F1375 Datasheet HTML 14Page - Renesas Technology Corp F1375 Datasheet HTML 15Page - Renesas Technology Corp F1375 Datasheet HTML 16Page - Renesas Technology Corp F1375 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DPD Demodulator for PA
Linearization 1300MHz to 2900MHz
F1375
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
13
February 7, 2022
DATASHEET
TOCS F1375 [FIXED IF = 200MHZ GAIN, IP3O, IP2O] (-3-)
GAIN [VS. TCASE]
IP3O [VS. TCASE]
IP2O [VS. TCASE]
GAIN [VS. LO LEVEL]
IP3O [VS. LO LEVEL]
IP2O [VS. LO LEVEL]
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
-40degC / 0dBm / 0attn / LS Injection
-40degC / 0dBm / 15attn / LS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 15attn / LS Injection
105degC / 0dBm / 0attn / LS Injection
105degC / 0dBm / 15attn / LS Injection
20
24
28
32
36
40
44
48
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
-40degC / 0dBm / 0attn / LS Injection
-40degC / 0dBm / 15attn / LS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 15attn / LS Injection
105degC / 0dBm / 0attn / LS Injection
105degC / 0dBm / 15attn / LS Injection
10
20
30
40
50
60
70
80
90
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
-40degC / 0dBm / 0attn / LS Injection
-40degC / 0dBm / 15attn / LS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 15attn / LS Injection
105degC / 0dBm / 0attn / LS Injection
105degC / 0dBm / 15attn / LS Injection
0
2
4
6
8
10
12
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
25degC / 3dBm / 0attn / LS Injection
25degC / 3dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
20
24
28
32
36
40
44
48
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
25degC / 3dBm / 0attn / LS Injection
25degC / 3dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
10
20
30
40
50
60
70
80
90
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RF Frequency (GHz)
25degC / 3dBm / 0attn / LS Injection
25degC / 3dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com