Electronic Components Datasheet Search
  English  ▼

X  

F1325 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1325
Description  DPD Demodulator for PA Linearization 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1325 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1325 Datasheet HTML 17Page - Renesas Technology Corp F1325 Datasheet HTML 18Page - Renesas Technology Corp F1325 Datasheet HTML 19Page - Renesas Technology Corp F1325 Datasheet HTML 20Page - Renesas Technology Corp F1325 Datasheet HTML 21Page - Renesas Technology Corp F1325 Datasheet HTML 22Page - Renesas Technology Corp F1325 Datasheet HTML 23Page - Renesas Technology Corp F1325 Datasheet HTML 24Page - Renesas Technology Corp F1325 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DPD Demodulator for PA
Linearization 1300MHz to 2900MHz
F1375
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
21
February 7, 2022
CONTROL PIN VOLTAGE & RESISTANCE VALUES (PINS NOT CONNECTED)
The following table provides open-circuit DC voltage and resistance values referenced to ground for each of the
control pins listed.
Pin
Name
DC voltage (volts)
Resistance (ohms)
1
SW_LATCH
1.75
1.6M
2
RF_SEL
1.75
800K
14
STBY
5
50K
26
CSb
1.75
1.6M
27
DATA
1.75
1.6M
28
CLK
1.75
1.6M
POWER SUPPLIES
All supply pins should be bypassed with external capacitors to minimize noise and fast transients. Supply noise can
degrade noise figure and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or
transients should have a slew rate smaller than 1V/20uS. In addition, all control pins should remain at 0V (+/-0.3V)
while the supply voltage ramps or while it returns to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com