Electronic Components Datasheet Search
  English  ▼

X  

F1325 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1325
Description  DPD Demodulator for PA Linearization 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1325 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1325 Datasheet HTML 19Page - Renesas Technology Corp F1325 Datasheet HTML 20Page - Renesas Technology Corp F1325 Datasheet HTML 21Page - Renesas Technology Corp F1325 Datasheet HTML 22Page - Renesas Technology Corp F1325 Datasheet HTML 23Page - Renesas Technology Corp F1325 Datasheet HTML 24Page - Renesas Technology Corp F1325 Datasheet HTML 25Page - Renesas Technology Corp F1325 Datasheet HTML 26Page - Renesas Technology Corp F1325 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
DPD Demodulator for PA
Linearization 1300MHz to 2900MHz
F1375
Datasheet
Zero-DistortionTM, Glitch-FreeTM DPD Receiver
24
February 7, 2022
EVKIT BOMS
TOP MARKINGS
Revision Date
Description
February 7, 2022
Rebranded to Renesas.
January 16, 2014
Initial release.
F1375
Item # Value
Size/Re Desc
Mfr. Part #
Mfr.
Supplier Part #
Supplier
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R
0402
GRM155R71C103KA01 MURATA
490-1313-1-ND
Digikey
C6,7,8,9,12,14,21,22
9
2
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01 MURATA
490-3244-1-ND
Digikey
C5,10,11,15,20,23
6
3
39pF
0402
CAP CER 39PF 50V 5% C0G 0402
GRM1555C1H390JZ010MURATA
490-1286-1-ND
Digikey
C17,19,25
3
4
100pF
0402
CAP CER 100PF 50V 5% NP0 0402
GRM1555C1H101JZ01DMURATA
490-3458-1-ND
Digikey
C2,3,4
3
5
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47 MURATA
490-3896-1-ND
Digikey
C16
1
6
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS
GOLD
961102-6404-AR
3M
3M9447-ND
Digikey
J9,14,17
3
7
Header 4 Pin
TH 4
CONN HEADER VERT SGL 4POS GOLD961104-6404-AR
3M
3M9449-ND
Digikey
J5
1
8
SMA_END_LAUNCH .062
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson 530-142-0711-821 Mouser
J6,7,18
3
9
SMA_END_LAUNCH .062
SMA_END_LAUNCH (Big)
142-0701-851
Emerson Johnson 530-142-0701-851 Mouser
J4,11,13
3
10
1uH
0805
0805LS (2012) Ceramic Chip Inductor
0805LS-102XJLB
COILCRAFT
0805LS-102XJLB COILCRAFT L1,2,3,4
4
11
43K
0402
RES 43K OHM 1/10W 1% 0402 SMD
ERJ-2RKF4302X
Panasonic
P43.0KLCT-ND
Digikey
R9,26
2
12
75K
0402
RES 75K OHM 1/10W 1% 0402 SMD
ERJ-2RKF7502X
Panasonic
P75.0KLCT-ND
Digikey
R10,24
2
13
2.37K
0402
RES 2.37K OHM 1/10W 1% 0402 SMD ERJ-2RKF2371X
Panasonic
P2.37KLCT-ND
Digikey
R20
1
14
130
0402
RES 130 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1300X
Panasonic
P130LCT-ND
Digikey
R18,19
2
15
47K
0402
RES 47.0K OHM 1/16W 1% 0402 SMD RC0402FR-0747KL
Yageo
311-47.0KLRCT-NDDigikey
R12,25
2
16
100
0402
RES 100 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1000X
Panasonic
P100LCT-ND
Digikey
R13-15
3
17
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
P0.0JCT-ND
Digikey
R30-36
7
18
2:1 Balun
SM-22 2:1 Center Tap Balun
TC2-72T+
Mini Circuits
TC2-72T+
Mini Circuits T1,2
2
19
F1375
QFN-36 DPD Demodulator
F1375
IDT
F1375
IDT
U1
1
20
PCB
06
Printed Circuit Board
F13XX Rev 06
SBC
1
21
BOM
10
Bill Of Material
22
DNP
0402
C18
Total
59
12/4/2013
IDTF1375
NBGI
ZC1327A
Q03C019MY
Part Number
Date Code [YYWW]
(Week 27 of 2013)
Lot Code
Die Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com