Electronic Components Datasheet Search
  English  ▼

X  

AMC22C11 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC22C11 Datasheet HTML 4Page - Texas Instruments AMC22C11 Datasheet HTML 5Page - Texas Instruments AMC22C11 Datasheet HTML 6Page - Texas Instruments AMC22C11 Datasheet HTML 7Page - Texas Instruments AMC22C11 Datasheet HTML 8Page - Texas Instruments AMC22C11 Datasheet HTML 9Page - Texas Instruments AMC22C11 Datasheet HTML 10Page - Texas Instruments AMC22C11 Datasheet HTML 11Page - Texas Instruments AMC22C11 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to 125°C, VDD1 = 3.0 V to 25 V, VDD2 = 2.7 V to 5.5 V, VREF =
20 mV to 2.7 V(1), and VIN = –400 mV to 4 V(2); typical specifications are at TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, and VREF
= 250 mV (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Input resistance
IN pin, 0 ≤ VIN ≤ 4 V
1
GΩ
IBIAS
Input bias current
IN pin, 0 ≤ VIN ≤ 4 V(3)
0.1
25
nA
IN pin, –400 mV ≤ VIN ≤ 0 V(4)
–310
–0.5
CIN
Input capacitance
IN pin
4
pF
REFERENCE PIN
IREF
Reference current
REF to GND1, 20 mV < VREF ≤ 2.7 V
99
100
101
μA
VMSEL
Mode selection threshold
VREF rising
500
550
600
mV
VREF falling
450
500
550
Mode selection threshold hysteresis
50
mV
COMPARATOR
VIT+
Positive-going trip threshold
VREF + VHYS
mV
EIT+
Positive-going trip threshold error
(VIT+ – VREF – VHYS),
VREF = 20 mV, VHYS = 4 mV
–2
2
mV
(VIT+ – VREF – VHYS),
VREF = 250 mV, VHYS = 4 mV
–2
2
(VIT+ – VREF – VHYS),
VREF = 2 V, VHYS = 25 mV
–5
5
VIT–
Negative-going trip threshold
VREF
mV
EIT–
Negative-going trip threshold error
(VIT– – VREF), VREF = 20 mV
–2.5
2.5
mV
(VIT– – VREF), VREF = 250 mV
–2.5
2.5
(VIT– – VREF), VREF = 2 V
–5
5
VHYS
Trip threshold hysteresis
(VIT+ – VIT–), VREF ≤ 450 mV
4
mV
(VIT+ – VIT–), VREF ≥ 600 mV
25
DIGITAL I/O
VIH
High-level input voltage
LATCH pin
0.7 x
VDD2
VDD2 +
0.3
V
VIL
Low-level input voltage
LATCH pin
–0.3
0.3 x
VDD2
V
CIN
Input capacitance
LATCH pin
4
pF
VOL
Low-level output voltage
ISINK = 4 mA
80
250
mV
ILKG
Open-drain output leakage current
VDD2 = 5 V, VOUT = 5 V
5
100
nA
CMTI
Common-mode transient immunity
|VIN – VREF| ≥ 4 mV, RPULLUP = 10 kΩ
75
150
V/ns
AMC23C11-Q1
SBASAJ7A – JUNE 2022 – REVISED AUGUST 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC23C11-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com