Electronic Components Datasheet Search
  English  ▼

X  

AMC22C11 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 3 Page - Texas Instruments

  AMC22C11 Datasheet HTML 1Page - Texas Instruments AMC22C11 Datasheet HTML 2Page - Texas Instruments AMC22C11 Datasheet HTML 3Page - Texas Instruments AMC22C11 Datasheet HTML 4Page - Texas Instruments AMC22C11 Datasheet HTML 5Page - Texas Instruments AMC22C11 Datasheet HTML 6Page - Texas Instruments AMC22C11 Datasheet HTML 7Page - Texas Instruments AMC22C11 Datasheet HTML 8Page - Texas Instruments AMC22C11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Pin Configuration and Functions
VDD1
IN
REF
GND1
VDD2
LATCH
GND2
OUT
1
2
3
4
8
7
6
5
Not to scale
Figure 5-1. D Package, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power
High-side power supply.(1)
2
IN
Analog input
Analog input pin to the comparator.
3
REF
Analog input
Reference pin that defines the trip threshold. The voltage on this pin also affects the
hysteresis of the comparator, as explained in the Reference Input section. This pin
is internally connected to a 100-μA current source. Connect a resistor from REF to
GND1 to define the trip threshold, and a capacitor from REF to GND1 to filter the
reference voltage. For best transient noise immunity, place the capacitor as closely
to the pin as possible. This pin can also be driven by an external voltage source.
4
GND1
High-side ground
High-side ground.
5
GND2
Low-side ground
Low-side ground.
6
OUT
Digital output
Open-drain output of the comparator. Connect to an external pullup resistor.
7
LATCH
Digital input
Digital input to select latch mode (high) or transparent mode (low) of the open-drain
output. Do not leave the input pin unconnected (floating). Connect to GND2 when
not used.
8
VDD2
Low-side power
Low-side power supply.(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
www.ti.com
AMC23C11-Q1
SBASAJ7A – JUNE 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC23C11-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com