Electronic Components Datasheet Search
  English  ▼

X  

DAC53002 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53002
Description  DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53002 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC53002 Datasheet HTML 48Page - Texas Instruments DAC53002 Datasheet HTML 49Page - Texas Instruments DAC53002 Datasheet HTML 50Page - Texas Instruments DAC53002 Datasheet HTML 51Page - Texas Instruments DAC53002 Datasheet HTML 52Page - Texas Instruments DAC53002 Datasheet HTML 53Page - Texas Instruments DAC53002 Datasheet HTML 54Page - Texas Instruments DAC53002 Datasheet HTML 55Page - Texas Instruments DAC53002 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
7.5.2.3 I2C Read Sequence
To read any register the following command sequence must be used:
1. Send a start or repeated start command with a target address and the R/W bit set to 0 for writing. The device
acknowledges this event.
2. Send a command byte for the register to be read. The device acknowledges this event again.
3. Send a repeated start with the target address and the R/W bit set to 1 for reading. The device acknowledges
this event.
4. The device writes the MSDB byte of the addressed register. The controller must acknowledge this byte.
5. Finally, the device writes out the LSDB of the register.
The broadcast address cannot be used for reading.
Table 7-17. Read Sequence
S
MSB
…
R/W
(0)
ACK
MSB
…
LSB
ACK
Sr MSB …
R/W
(1)
ACK
MSB
…
LSB
ACK
MSB
…
LSB
ACK
Address byte
Section 7.5.2.2.1
Command byte
Section 7.5.2.2.2
Sr
Address byte
Section 7.5.2.2.1
MSDB
LSDB
From controller
Target
From controller
Target
From controller
Target
From target
Controller
From Target
Controller
7.5.3 General-Purpose Input/Output (GPIO) Modes
Together with I2C and SPI, the DACx300x also support a GPIO that can be configured in the NVM for multiple
functions. This pin allows for updating the DAC output channels and reading status bits without using the
programming interface, thus enabling processor-less operation. In the GPIO-CONFIG register, write 1 to the
GPI-EN bit to set the GPIO pin as an input, or write 1 to the GPO-EN bit to set the pin as output. There
are global and channel-specific functions mapped to the GPIO pin. For channel-specific functions, select the
channels using the GPI-CH-SEL field in the GPIO-CONFIG register. Table 7-18 lists the functional options
available for the GPIO as input and Table 7-19 lists the options for the GPIO as output. Some of the GP input
operations are edge-triggered after the device boots up. After the power supply ramps up, the device registers
the GPI level and executes the associated command. This feature allows the user to configure the initial output
state at power-on. By default, the GPIO pin is not mapped to any operation. When the GPIO pin is mapped to
a specific input function, the corresponding software bit functionality is disabled to avoid a race condition. When
used as a RESET input, the GPIO pin must transmit an active-low pulse for triggering a device reset. All other
constraints of the functions are applied to the GPIO-based trigger.
Note
Pull the GPIO pin high or low when not used. When the GPIO pin is used as RESET, the configuration
must be programmed into the NVM. Otherwise, the setting is cleared after the device resets.
DAC53001, DAC53002, DAC63001, DAC63002
SLASF48 – MAY 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC53001 DAC53002 DAC63001 DAC63002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com