Electronic Components Datasheet Search
  English  ▼

X  

DAC53002 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53002
Description  DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53002 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DAC53002 Datasheet HTML 68Page - Texas Instruments DAC53002 Datasheet HTML 69Page - Texas Instruments DAC53002 Datasheet HTML 70Page - Texas Instruments DAC53002 Datasheet HTML 71Page - Texas Instruments DAC53002 Datasheet HTML 72Page - Texas Instruments DAC53002 Datasheet HTML 73Page - Texas Instruments DAC53002 Datasheet HTML 74Page - Texas Instruments DAC53002 Datasheet HTML 75Page - Texas Instruments DAC53002 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DACx300x are single-channel and dual-channel buffered, force-sense output, voltage-output and current-
output smart DACs that include an NVM and internal reference, and available in a tiny 3-mm × 3-mm package.
• In voltage-output mode, short the OUTx and FBx pins for each channel. In current-output mode, leave the
FBx pins unconnected. The FBx pins function as inputs in comparator mode.
• The external reference must not exceed VDD, either during transient or steady-state conditions. For the best
Hi-Z output performance, use a pullup resistor on the VREF pin to VDD.
• In case VDD remains floating during the off condition, place a 100-kΩ resistor to AGND for proper detection
of the VDD off condition for voltage margining.
• All the digital outputs are open drain; use external pullup resistors on these pins.
• The interface protocol is detected at power-on, and the device locks to the protocol as long as VDD is on.
• When allocating nonoverlapping I2C addresses on a system I2C bus, consider the broadcast address as well.
I2C timeout can be enabled for robustness.
• SPI mode is 3-wire by default. Configure the GPIO pin as SDO in the NVM for SPI readback capability. The
SPI clock speed in readback mode is slower than in write mode.
• Power-down mode sets the DAC outputs to Hi-Z by default. Change the configuration appropriately for
different power-down settings. The DAC channels can also power-up with a programmed DAC code in NVM.
8.2 Typical Application
A power-supply margining and scaling circuit is used to trim, scale, or test the output of a power converter.
This example circuit is used to test a system by margining the power supplies for adaptive voltage scaling or to
program a desired value at the output. Adjustable power supplies, such as low-dropout regulators (LDOs) and
DC/DC converters, provide a feedback or adjust the input that is used to set the desired output. A precision
voltage-output DAC is the best choice for controlling the power-supply output linearly. Figure 8-1 shows a control
circuit for a switch-mode power supply (SMPS) using the DACx300x. Typical applications of power-supply
margining are communications equipment, enterprise servers, test and measurement, and general-purpose
power-supply modules.
SMPS / LDO
R1
R2
VFB
SENSE
PH
GND
VOUT
IN
BOOT
CL
CB
L
VDD
VIN
VOUT/
IOUT
VOUT/
IOUT
DAC
REG
DAC
BUF
DAC
REG
DAC
BUF
NVM
Internal
Reference
LDO
Output Configuration
Logic
VREF
CAP
AGND
SCL/SYNC
SDA/SCLK
A0/SDI
PROTECT
R3
R3
1.5 μ
0.1 μ
10 kΩ
Power-supply: 0
DACx300x
Power-supply: 1
Figure 8-1. Voltage Margining and Scaling
DAC53001, DAC53002, DAC63001, DAC63002
SLASF48 – MAY 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC53001 DAC53002 DAC63001 DAC63002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com