Electronic Components Datasheet Search
  English  ▼

X  

ESD341DPLR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341DPLR
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341DPLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESD341DPLR Datasheet HTML 6Page - Texas Instruments ESD341DPLR Datasheet HTML 7Page - Texas Instruments ESD341DPLR Datasheet HTML 8Page - Texas Instruments ESD341DPLR Datasheet HTML 9Page - Texas Instruments ESD341DPLR Datasheet HTML 10Page - Texas Instruments ESD341DPLR Datasheet HTML 11Page - Texas Instruments ESD341DPLR Datasheet HTML 12Page - Texas Instruments ESD341DPLR Datasheet HTML 13Page - Texas Instruments ESD341DPLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8.2.1 Design Requirements
For this design example, 8 ESD341 devices and 5 TPD1E05U06 devices are being used in an HDMI 1.4
application, which provides a complete port protection scheme.
Table 8-1 lists the parameters for the HDMI 1.4 application.
Table 8-1. Design Parameters
DESIGN PARAMETER
VALUE
TMDS signal range on pins
0 V to 3.6 V
Other signal range on pins
0 V to 5 V
Operating frequency
1.7 GHz
8.2.2 Detailed Design Procedure
8.2.2.1 Signal Range
The ESD341 supports signal ranges between –3.6 V and 3.6 V, which supports the TMDS signals. The
TPD1E05U06 supports signal ranges between 0 V and 5.5 V, which supports the other signals (CEC, UTILITY,
DDC CLK, DDC DAT, and HOTPLUG_DET) in the HDMI 1.4 application.
8.2.2.2 Operating Frequency
The ESD341 has a 0.66 pF (typical) capacitance, which supports the 3.4 Gbps data rate needed for the HDMI
1.4 application.
8.2.3 Application Curves
Figure 8-2. Data Rate > 3.4 Gbps Eye Diagram
(Bare Board)
Figure 8-3. Data Rate > 3.4 Gbps Eye Diagram
(with ESD341)
Figure 8-4. Insertion Loss
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com