Electronic Components Datasheet Search
  English  ▼

X  

ESD341DPLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341DPLR
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341DPLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESD341DPLR Datasheet HTML 7Page - Texas Instruments ESD341DPLR Datasheet HTML 8Page - Texas Instruments ESD341DPLR Datasheet HTML 9Page - Texas Instruments ESD341DPLR Datasheet HTML 10Page - Texas Instruments ESD341DPLR Datasheet HTML 11Page - Texas Instruments ESD341DPLR Datasheet HTML 12Page - Texas Instruments ESD341DPLR Datasheet HTML 13Page - Texas Instruments ESD341DPLR Datasheet HTML 14Page - Texas Instruments ESD341DPLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
9 Power Supply Recommendations
This is a passive TVS diode-based ESD protection device, therefore there is no need to power it. Take care that
the maximum voltage specifications for each pin are not violated.
10 Layout
10.1 Layout Guidelines
• The optimum placement of the ESD protection device is as close to the connector as possible
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector
• Route the protected traces as straight as possible
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible
– Electric fields tend to build up on corners, increasing EMI coupling
• If pin 1 or pin 2 is connected to ground, use a thick and short trace for this return path
10.2 Layout Example
To protected IC
Place pin 1 on the signal line
Thick and short return path to GND
Minimum
distance
from
connector
(source of
ESD)
To connector
Figure 10-1. Layout Recommendation
www.ti.com
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com