Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 10 Page - Texas Instruments

Part # LMK6P
Description  LMK6x High-Performance BAW Oscillator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments LMK6P Datasheet HTML 10Page - Texas Instruments LMK6P Datasheet HTML 11Page - Texas Instruments LMK6P Datasheet HTML 12Page - Texas Instruments LMK6P Datasheet HTML 13Page - Texas Instruments LMK6P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JPCIe1-
SRNS
PCIe Gen 1 SRNS jitter
Fout = 100 MHz
TBD
ps
JPCIe2-cc
PCIe Gen 2 Common Clock jitter (jitter
limit = 3 ps)
Fout = 100 MHz
TBD
ps
JPCIe2-
SRNS
PCIe Gen 2 SRNS jitter
Fout = 100 MHz
TBD
ps
JPCIe3-cc
PCIe Gen 3 Common Clock jitter (jitter
limit = 1 ps)
Fout = 100 MHz
TBD
ps
JPCIe3-
SRNS
PCIe Gen 3 SRNS jitter
Fout = 100 MHz
TBD
ps
JPCIe4-cc
PCIe Gen 4 Common Clock jitter (jitter
limit = 500 fs)
Fout = 100 MHz
140
TBD
fs
JPCIe4-
SRNS
PCIe Gen 4 SRNS jitter
Fout = 100 MHz
TBD
fs
JPCIe5-cc
PCIe Gen 5 Common Clock jitter (jitter
limit = 150 fs)
Fout = 100 MHz
45
TBD
fs
JPCIe5-
SRNS
PCIe Gen 5 SRNS jitter
Fout = 100 MHz
TBD
fs
JPCIe6-cc
PCIe Gen 6 Common Clock jitter (jitter
limit = 100 fs)
Fout = 100 MHz
TBD
fs
JPCIe6-
SRNS
PCIe Gen 6 SRNS jitter
Fout = 100 MHz
TBD
fs
LVCMOS - Clock Output Jitter
RJ
Random Phase Jitter
Fout = 24 MHz, Integration BW: 12 kHz - 5
MHz
200
fs
RJ
Random Phase Jitter
Fout = 156.25 MHz, Integration BW: 12
kHz - 20 MHz
200
500
fs
RJITT,RMS RMS Period Jitter
Fout ≥ 25 MHz
0.7
ps
RJITT,PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
7
ps
(1)
Excluding Load current
(2)
DC Load condition
7.8 Timing Diagrams
VOD = VOH - VOL
OUTx_N
OUTx_P
VOUT-DIFF = 2 × VOD
0 V
20%
80%
tR
tF
VOH
VOL
Figure 7-1. Differential Output Voltage and Rise/Fall Time
LMK6C
SNAS826A – APRIL 2022 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com