Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 14 Page - Texas Instruments

Part # LMK6P
Description  LMK6x High-Performance BAW Oscillator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 10Page - Texas Instruments LMK6P Datasheet HTML 11Page - Texas Instruments LMK6P Datasheet HTML 12Page - Texas Instruments LMK6P Datasheet HTML 13Page - Texas Instruments LMK6P Datasheet HTML 14Page - Texas Instruments LMK6P Datasheet HTML 15Page - Texas Instruments LMK6P Datasheet HTML 16Page - Texas Instruments LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
9 Detailed Description
9.1 Overview
The LMK6x is a fixed-frequency BAW based oscillator that can provide ultra-low jitter both for differential and
single-ended output types.
9.2 Functional Block Diagram
BAW
VDD
CLK_P
Output
Divider
EN
Memory
GND
Power
Conditioning
Temp
Sensor
TCF
Interface &
control logic
Signal Path
Logic
CLK_N
9.3 Feature Description
9.3.1 Bulk Acoustic Wave (BAW)
TI’s BAW resonator technology uses piezoelectric transduction to generate high-Q resonance at 2.5 GHz. The
resonator is defined by the quadrilateral area overlaid by top and bottom electrodes. Alternating high- and
low-acoustic impedance layers form acoustic mirrors beneath the resonant body to prevent acoustic energy
leakage into the substrate. Furthermore, these acoustic mirrors are also placed on top of the resonator stack
to protect the device from contamination and minimize energy leakage into the package materials. This unique
dual-Bragg acoustic resonator (DBAR) allows efficient excitation without the need of costly vacuum cavities
around the resonator. As a result, TI’s BAW resonator is immune to frequency drift caused by adsorption of
surface contaminants and can be directly placed in a non-hermetic plastic package with the oscillator IC in small
standard oscillator footprints.
9.3.2 Device Block-Level Description
High-Q resonant tank of BAW die is complimented with an ultra-low noise oscillator on a base die, designed in
CMOS process node. Temperature variations of oscillation frequency are continuously monitored by a co-located
precision temperature sensor. Correction for frequency is done using an advance signal processing algorithm
which runs continuously in the background while making use of per part calibration coefficients, stored in
NVM, to compensate frequency within ±10 ppm. A very low jitter, low power fractional output divider (FOD) in
the frequency correction path allows necessary compensation with minimum impact to the phase jitter while
generating a per-programmed output frequency clock. The output driver is capable of providing both single-
ended LVCMOS and differential LVPECL, LVDS, and HCSL output formats. Finally, a small power-reset-clock
management system consisting of several low noise LDOs and digital controller makes sure noise sensitive
modules work with enough isolation while maintaining output clock fidelity.
9.3.3 Function Pin(s)
The function pin is identified as pin 1 on the LMK6C and pin 1 or pin 2, depending on the grade of the device,
for the LMK6P, LMK6D, and LMK6H. In addition to output enable, the function pin is also capable of providing
a chip disable / standby feature. In this mode, all blocks will be powered down to provide a maximum current
consumption savings for a non-operation mode, meaning the output clock is not available. The return to the
output clock active time corresponds to the initial start-up time.
The function pin can also be designed to be active high or active low. This allows for compatibility and drop
in replacement with hardware that may have terminated to ground. Contact your TI representative to discuss
options not listed on Figure 5-1 and Figure 5-2.
LMK6C
SNAS826A – APRIL 2022 – REVISED JULY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com