Electronic Components Datasheet Search
  English  ▼

X  

OPA206 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA206
Description  OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA206 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA206 Datasheet HTML 15Page - Texas Instruments OPA206 Datasheet HTML 16Page - Texas Instruments OPA206 Datasheet HTML 17Page - Texas Instruments OPA206 Datasheet HTML 18Page - Texas Instruments OPA206 Datasheet HTML 19Page - Texas Instruments OPA206 Datasheet HTML 20Page - Texas Instruments OPA206 Datasheet HTML 21Page - Texas Instruments OPA206 Datasheet HTML 22Page - Texas Instruments OPA206 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
7 Parameter Measurement Information
7.1 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier in order to design a more robust
circuit. As a result of natural variations in process technology and manufacturing procedures, every specification
of an amplifier exhibits some amount of deviation from the ideal value, such as the input bias current of an
amplifier. These deviations often follow Gaussian (bell curve), or normal distributions. Circuit designers can
leverage this information to guardband their system, even when there is no minimum or maximum specification
in the Electrical Characteristics.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-1. Ideal Gaussian Distribution
Figure 7-1 shows an example distribution, where µ, is the mean of the distribution, and where σ, or sigma, is the
standard deviation of a system. For a specification that exhibits this kind of distribution, approximately two-thirds
(68.26%) of all units can be expected to have a value within one standard deviation, or one sigma, of the mean
(from µ – σ to µ + σ).
Depending on the specification, values listed in the typical column of Electrical Characteristics are represented
in different ways. As a general guideline, if a specification naturally has a nonzero mean (for example, gain
bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a mean near
zero (for example, input bias current), then the typical value is equal to the mean plus one standard deviation
(µ + σ) to most accurately represent the typical value.
Use this chart to calculate the approximate probability of a specification in a unit. For example, the OPAx206
typical input bias current is ±0.1 nA; therefore, 68.2% of all devices are expected to have an input bias from
±0.1 nA. At 4σ, 99.9937% of the distribution has an input bias less than ±0.28 nA, which means that 0.0063% of
the population is outside of these limits, and corresponds to approximately 1 in 15,873 units.
Units that are found to exceed any tested minimum or maximum specifications are removed from production
material. For example, the OPAx206 have a maximum input bias of ±0.4 nA at 25°C. Although this value
corresponds to approximately 6σ (approximately 1 in 500 million units), TI removes any unit with a larger input
bias from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guard band for your application, and design worst-case conditions using this value. This information
should only be used to estimate the performance of a device.
www.ti.com
OPA206, OPA2206
SBOSA11C – MARCH 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA206 OPA2206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com