Electronic Components Datasheet Search
  English  ▼

X  

OPA206 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA206
Description  OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA206 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA206 Datasheet HTML 19Page - Texas Instruments OPA206 Datasheet HTML 20Page - Texas Instruments OPA206 Datasheet HTML 21Page - Texas Instruments OPA206 Datasheet HTML 22Page - Texas Instruments OPA206 Datasheet HTML 23Page - Texas Instruments OPA206 Datasheet HTML 24Page - Texas Instruments OPA206 Datasheet HTML 25Page - Texas Instruments OPA206 Datasheet HTML 26Page - Texas Instruments OPA206 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8.3.3 Lower Input Bias With Super-Beta Inputs
The OPAx206 have a super-beta input transistor architecture. In a transistor, the beta value is the ratio between
the current flowing into the base and the current flowing from the collector to the emitter. A super-beta transistor
is one where the beta value has been increased from several hundred to thousands. In a bipolar amplifier, the
input bias current is the current flowing into the base of the input transistor pair, as well as a small leakage
current that flows through the ESD diodes. A super-beta input reduces the input bias current of the amplifier. In
addition, the super-beta inputs lower the input current noise that is directly related to the input bias current of the
device. A comparison between the input bias current of the OPA2277 and the OPAx206 super-beta input bias
currents can be seen in Figure 8-6 and Figure 8-7.
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
5
4
3
2
1
0
–1
–2
–3
–4
–5
Curves represent typical
production units.
Figure 8-6. OPA2277 Input Bias Current
Temperature (°C)
-50
-25
0
25
50
75
100
125
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
IBN
IBP
Figure 8-7. OPAx206 Super-Beta Input Bias Current
8.3.4 Overload Power Limiter
In many bipolar-based amplifiers, the output stage of the amplifier can draw significant (several milliamperes)
of quiescent current if the output voltage becomes clipped (meaning the output voltage becomes limited by the
negative or positive supply voltage). This condition can cause the system to enter a high-power consumption
state, and potentially cause oscillations between the power supply and signal chain. The OPAx206 have an
advanced output stage design that eliminates this problem. When the output voltage reaches the either supply
(V+ or V–), there is virtually no additional current consumption from the nominal quiescent current. This feature
helps eliminate any potential system problems when the signal chain is disrupted by a large external transient
voltage.
8.3.5 EMI Rejection
The OPAx206 use integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources, such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved through circuit design techniques that improve the system
performance. Additional information can be found in the EMI Rejection Ratio of Operation Amplifiers application
report.
8.4 Device Functional Modes
The OPAx206 have two functional modes. The devices enter normal operation with any supply between 4.5 V
(±2.25 V) and 36 V (±18 V), and an input voltage that meets the input common-mode voltage range shown in
Section 6.
If the input voltage exceeds device specifications, the devices enter an overvoltage protection mode. In this
mode, the input overvoltage protection sub-circuit limits the voltage and current seen by the amplifier core by
adding additional impedance between the input pins and the amplifier core. Additional current that is generated
from the voltage drop across this input impedance is routed through the ESD structure of the OPAx206, as
shown in Figure 8-1.
www.ti.com
OPA206, OPA2206
SBOSA11C – MARCH 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA206 OPA2206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com