Electronic Components Datasheet Search
  English  ▼

X  

MBRF820 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # MBRF820
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

MBRF820 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  MBRF820 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. MBRF820 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC ITO--220AC,molded plastic
Terminals: Leads solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.078ounces,2.24 grams
Mounting position: Any
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
830
840
850
860
880
8A0
UNITS
Maximum recurrent peak reverse voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
30
40
50
60
80
100
V
Maximum average forw ard rectified current
(see fig.1)
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@TJ=125
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
Typical thermal resistance
(Note2)
R JA
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 125
- 55 ---- + 150
Maximum instantaneous forw ard voltage
@ 8.0A (Note 1)
VF
1.0
15.0
50.0
V
0.65
0.75
0.85
0.8
150.0
20
820
14
20
8.0
2.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test:300us pulse width,1% duty cy cle.
A
3
- 55 ---- +150
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 20 --- 100 V
CURRENT: 8.0A
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.diode.co.kr
1.
SAMYANG ELECTRONICS
SAM YANG
1
2
PIN
0.405(10.27)
0.383(9.72)
0.191(4.85)
0.171(4.35)
0.060(1.52)
0.037(0.94)
0.027(0.69)
0.105(2.67)
0.095(2.41)
0.205(5.20)
0.195(4.95)
PIN1
PIN2
0.014(0.36)
0.022(0.55)
0.110(2.80)
0.100(2.54)
0.330(8.38)
0.350(8.89)
0.122(3.08)
0.131(3.39)
0.140(3.56)
0.130(3.30)
0.110(2.80)
0.100(2.54)
0.172(4.36)
0.188(4.77)
DIA
Dimensions in inches and(millimeters)
DIA
ITO-220AC
inch(mm)
MBRF820 --- MBRF8A0
MBRF
MBRF
MBRF
MBRF
MBRF
MBRF
MBRF


Similar Part No. - MBRF820

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MBRF820 CHENDA-MBRF820 Datasheet
622Kb / 2P
20 to 100 Volts Forward Current -
logo
SAMYANG ELECTRONICS CO....
MBRF820 SAMYANG-MBRF820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF8200 DACHANG-MBRF8200 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF8200 DACHANG-MBRF8200 Datasheet
151Kb / 2P
Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
MBRF8200 ZSELEC-MBRF8200 Datasheet
322Kb / 2P
A SCHOTTKY BARRIER DIODE 8.0
More results

Similar Description - MBRF820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com