Electronic Components Datasheet Search
  English  ▼

X  

MBRF820 Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # MBRF820
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

MBRF820 Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  MBRF820 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. MBRF820 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diode.co.kr
2.
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
RATINGS AND CHARACTERISTIC CURVES
145
1.0
135
150
140
125
130
5.0
10
50
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
2.0
4.0
0
50
100
0
150
6.0
8.0
10
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
MBRF820 -MBRF840
MBRF850 -MBRF8A0
Pulse width=300 s
1% Duty Cycle
TJ=25℃
0.1
1.0
10
50
0.4 0.5
0.6
0.7
0.8
1.0
0.9
1.1
1.2
MBRF820 - MBRF840
MBRF8A0
MB RF880
MBRF850 -MBRF860
MBRF820 --- MBRF8A0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com