Electronic Components Datasheet Search
  English  ▼

X  

MFUAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MFUAT
Description  Thin Film Chip Fuse
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFUAT Datasheet(HTML) 1 Page - Vishay Siliconix

  MFUAT Datasheet HTML 1Page - Vishay Siliconix MFUAT Datasheet HTML 2Page - Vishay Siliconix MFUAT Datasheet HTML 3Page - Vishay Siliconix MFUAT Datasheet HTML 4Page - Vishay Siliconix MFUAT Datasheet HTML 5Page - Vishay Siliconix MFUAT Datasheet HTML 6Page - Vishay Siliconix MFUAT Datasheet HTML 7Page - Vishay Siliconix MFUAT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MFU AT Series
www.vishay.com
Vishay Beyschlag
Revision: 30-Apr-2021
1
Document Number: 28930
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Chip Fuse
MFU AT thin film chip fuses are the perfect choice for
automotive electronics. The highly controlled manufacturing
thin film process guarantees an outstanding stability of
fusing characteristics. Typical automotive applications
include electro vehicle and hybrid electro vehicle, battery
management and circuit protection for small loads.
FEATURES
• Advanced thin film technology
• AEC-Q200 qualified (1)
• Very quick acting fuse characteristics
• Outstanding stability of fusing characteristics
• Advanced sulfur resistance verified according
to ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Electro vehicle
• Hybrid electro vehicle
• Battery management
• Circuit protection of small loads
Note
(1) According to Vishay’s automotive chip fuse qualification requirements
TECHNICAL SPECIFICATIONS
DESCRIPTION
MFU 0603-FF AT
Imperial size
0603
Metric size code
RR1608M
Rated current range IR
0.5 A to 5.0 A
Rated voltage, Umax. DC
32 V up to 63 V
Breaking capacity, Imax. at Umax. DC
50 A at Umax. DC
Voltage drop at 1 x IR
85 mV to 361 mV
Cold resistance at 0.1 x IR
13 m
 to 500 m
Permissible film temperature,
F max.
125 °C
Operating temperature range
-55 °C to 125 °C
Permissible continuous current rating at
amb = 23 °C
0.7 x IR
Approval UL / CSA recognition file
E253806
Failure rate: FITobserved
 0.2 x 10-9/h


Similar Part No. - MFUAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU Datasheet
176Kb / 13P
Thin Film Flat Chip Fuses
25-Jun-08
MFU VISHAY-MFU Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU VISHAY-MFU Datasheet
172Kb / 13P
Thin Film Chip FusesS
11-Mar-13
MFU0402 VISHAY-MFU0402 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
176Kb / 13P
Thin Film Flat Chip Fuses
25-Jun-08
More results

Similar Description - MFUAT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
thin film chip fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
THIN FILM CHIP FUSE
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
SMD Thin-Film Fuse
logo
KOA Speer Electronics, ...
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
thin film chip fuse
logo
AVX Corporation
F1206A AVX-F1206A Datasheet
195Kb / 12P
SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
Thin Film Chip Fuse
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
Thin Film Chip Fuse
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
Thin Film Chip Fuse
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com