Electronic Components Datasheet Search
  English  ▼

X  

MFUAT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MFUAT
Description  Thin Film Chip Fuse
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFUAT Datasheet(HTML) 2 Page - Vishay Siliconix

  MFUAT Datasheet HTML 1Page - Vishay Siliconix MFUAT Datasheet HTML 2Page - Vishay Siliconix MFUAT Datasheet HTML 3Page - Vishay Siliconix MFUAT Datasheet HTML 4Page - Vishay Siliconix MFUAT Datasheet HTML 5Page - Vishay Siliconix MFUAT Datasheet HTML 6Page - Vishay Siliconix MFUAT Datasheet HTML 7Page - Vishay Siliconix MFUAT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MFU AT Series
www.vishay.com
Vishay Beyschlag
Revision: 30-Apr-2021
2
Document Number: 28930
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
Notes
(1) Typical values
(2) For packages with 1000 pieces, please use for packaging P1 instead of P5
(3) For packages with 20 000 pieces, please use for packaging PW instead of P5
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
MFU 0603 AT
P1
1000
Paper tape acc.
IEC 60286-3 Type 1a
8 mm
4 mm
180 mm / 7"
P5
5000
PW
20 000
330 mm / 13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MFU0603FF01000P5AT
TYPE / SIZE
FUSING CHARACTERISTIC
RATED CURRENT
PACKAGING
SPECIAL
MFU0603
FF = very quick acting
Examples:
0.5 A = 00500
1.0 A = 01000
P1
P5
PW
Up to 2 digits
AT = automotive
Product Description: MFU 0603 - FF AT P5 1A0
MFU
0603
- FF
AT
P5
1A0
TYPE
SIZE
FUSING
VERSION
PACKAGING
RATED CURRENT
MFU
0603
FF = very quick
acting
AT = automotive
P1
P5
PW
Examples:
0.5 A = 0A5
1.0 A = 1A0
MFU 0603 AT RATING - Very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT
RATED
VOLTAGE
PRE-ARCING (1)
I2t
at 10 x IR
VOLT.
DROP (1)
at
1 x IR
COLD
RESIS. (1)
at
0.1 x IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
PART NUMBER (2)(3)
0603
FF
500 mA
63 V
0.0009 A2s
361 mV
500 m
 50 A at 63 V
F
UL / CSA
MFU0603FF00500P5AT
750 mA
50 V
0.0020 A2s
258 mV
262 m
 50 A at 50 V
G
UL / CSA
MFU0603FF00750P5AT
1.0 A
50 V
0.0028 A2s
223 mV
170 m
 50 A at 50 V
H
UL / CSA
MFU0603FF01000P5AT
1.5 A
50 V
0.0059 A2s
155 mV
79 m
 50 A at 50 V
K
UL / CSA
MFU0603FF01500P5AT
2.0 A
50 V
0.0101 A2s
150 mV
57 m
 50 A at 50 V
N
UL / CSA
MFU0603FF02000P5AT
2.5 A
50 V
0.0157 A2s
121 mV
37 m
 50 A at 50 V
O
UL / CSA
MFU0603FF02500P5AT
3.0 A
50 V
0.0227 A2s
126 mV
32 m
 50 A at 50 V
P
UL / CSA
MFU0603FF03000P5AT
3.5 A
32 V
0.0308 A2s
106 mV
23 m
 50 A at 32 V
R
UL / CSA
MFU0603FF03500P5AT
4.0 A
32 V
0.0403 A2s
100 mV
19 m
 50 A at 32 V
S
UL / CSA
MFU0603FF04000P5AT
5.0 A
32 V
0.2275 A2s
85 mV
13 m
 50 A at 32 V
T
UL / CSA
MFU0603FF05000P5AT
M
F
U
0
6
0
3
F
F
0
100
0
P
5
A
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com