Electronic Components Datasheet Search
  English  ▼

X  

PSS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PSS
Description  Custom Substrates - Conductor Resistor Pattern and Overcoat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSS Datasheet(HTML) 3 Page - Vishay Siliconix

  PSS Datasheet HTML 1Page - Vishay Siliconix PSS Datasheet HTML 2Page - Vishay Siliconix PSS Datasheet HTML 3Page - Vishay Siliconix PSS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSS
www.vishay.com
Vishay Electro-Films
Revision: 26-Sep-2018
3
Document Number: 61111
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PROTECTIVE COATING
Vishay Electro-Films (EFI) has developed several patternable overcoat options to protect the resistors and other critical areas
from mechanical damage during handling. It is essential to overcoat resistors of 0.1 % or tighter tolerances to maintain tolerance
during assembly and test of the hybrid, and it is beneficial to overcoat all resistors.
Notes
(1) Special tolerance of ± 0.001" available
(2) Minimum gap in polyimide pattern is 0.0015" x 0.003"
In summary NiCr will perform at higher sheet resistance with lower TCR than TaN giving higher resistance values in less area.
TaN will continue to perform in a moisture environment but NiCr will require a hermetic package to maintain resistance values.
Both resistive films will work in highly demanding environments for a wide range of applications with VEFI thin film technology.
PROTECTIVE COATING APPLICATIONS
OVERCOAT
TYPICAL THICKNESS (Å)
APPLICATIONS
Silicone nitride
4000 to 6000
Resistor overcoat with fine trim capability and integrated capacitor
Polyimide
50 000 to 80 000
Resistor overcoat and solder dam
PROTECTIVE COATING GUIDELINES
OVERCOAT
TYPICAL THICKNESS (Å)
MIN. FEATURE SIZE
MIN. METAL OVERLAP
PATTERN TOLERANCE (1)
Silicone nitride
4000 to 6000
0.004" x 0.004"
0.002"
± 0.002"
Polyimide
50 000 to 80 000
0.004" x 0.004" (2)
0.001"
± 0.002"
GLOBAL PART NUMBER INFORMATION
Custom Global Part Number: PSS205687-00N
Custom Global Part Number Description: Specialty Films Custom 205687-00N
P
S
S
2
0568
7
-
00
N
MODEL
CUSTOM PART NUMBER
INTERNAL
REVISION
VARIANT
A = AlN
B = BeO
F = ferrite/
garnet
K = zirconia
N = resistor
conductor
CONTACT INFORMATION
For design assistance, contact: efi@vishay.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com