Electronic Components Datasheet Search
  English  ▼

X  

F1429MB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1429MB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429MB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1429MB Datasheet HTML 7Page - Renesas Technology Corp F1429MB Datasheet HTML 8Page - Renesas Technology Corp F1429MB Datasheet HTML 9Page - Renesas Technology Corp F1429MB Datasheet HTML 10Page - Renesas Technology Corp F1429MB Datasheet HTML 11Page - Renesas Technology Corp F1429MB Datasheet HTML 12Page - Renesas Technology Corp F1429MB Datasheet HTML 13Page - Renesas Technology Corp F1429MB Datasheet HTML 14Page - Renesas Technology Corp F1429MB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2020 Renesas Electronics Corporation
11
January 31, 2021
F1429MB Datasheet
Typical 5V Performance Characteristics
Figure 3. Gain
Figure 4. Reverse Isolation
Figure 5. Input Return Loss
Figure 6. Output Return Loss
Figure 7. Output IP3
Figure 8. Output P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com