Electronic Components Datasheet Search
  English  ▼

X  

F1429MB Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1429MB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429MB Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1429MB Datasheet HTML 12Page - Renesas Technology Corp F1429MB Datasheet HTML 13Page - Renesas Technology Corp F1429MB Datasheet HTML 14Page - Renesas Technology Corp F1429MB Datasheet HTML 15Page - Renesas Technology Corp F1429MB Datasheet HTML 16Page - Renesas Technology Corp F1429MB Datasheet HTML 17Page - Renesas Technology Corp F1429MB Datasheet HTML 18Page - Renesas Technology Corp F1429MB Datasheet HTML 19Page - Renesas Technology Corp F1429MB Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
© 2020 Renesas Electronics Corporation
16
January 31, 2021
F1429MB Datasheet
Evaluation Kit Circuit
Figure 25. Evaluation Kit Electrical Schematic
Table 7.
Evaluation Kit Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
R7,R3
2
0 ohm Jumper 1/10W (0402)
ERJ2GE0R00X
Panasonic
C8
1
1000pF C0G 50v (0402)
GRM1555C1H102J
Murata
C11
1
Do not Install
C7
1
100pF C0G 50v (0402)
GRM1555C1H101J
Murata
C2, C4
2
15pF C0G 50v (0402)
GJM1555C1H150J
Murata
C10
1
Do not Install
L4
1
1.5nH +/-0.3 (0402)
LQG15HS1N5S02
Murata
C5
1
3.3pF COG 50V (0402)
GJM1555C1H3R3B
Murata
J5
1
CONN HEADER VERT 1x3 POS 2.54MM
61300311121
Würth Elektronik
J1,J2, J3, J4, J7, J8,
J9, J10
6
SMA Edge Mount
142-0701-851
Cinch Connectivity
C1,C12, C3, C6, C9,
R2, R5, R8, J6
0
Do not Install
U1
1
F1429MB 100Ω DIFF-In –- 50Ω SE-Out Amplifier
F1429MBNELI
IDT Renesas
1
Printed Circuit Board
F1429 EVKIT DIFF Rev.02
Vector Fab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com