Electronic Components Datasheet Search
  English  ▼

X  

F1429LB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1429LB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429LB Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1429LB Datasheet HTML 1Page - Renesas Technology Corp F1429LB Datasheet HTML 2Page - Renesas Technology Corp F1429LB Datasheet HTML 3Page - Renesas Technology Corp F1429LB Datasheet HTML 4Page - Renesas Technology Corp F1429LB Datasheet HTML 5Page - Renesas Technology Corp F1429LB Datasheet HTML 6Page - Renesas Technology Corp F1429LB Datasheet HTML 7Page - Renesas Technology Corp F1429LB Datasheet HTML 8Page - Renesas Technology Corp F1429LB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2020 Renesas Electronics Corporation
5
January 31, 2021
F1429MB Datasheet
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F1429MB at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions might affect
device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+5.5
V
STBY
VSTBY
-0.3
Lower of (5V,
VCC + 0.25V)
V
RF Input Power Applied for 24 Hours Maximum
(VCC applied, f = 3.55GHz, TEP = +115°C, and input/output VSWR = 1:1
based on a 100Ω system)[b]
PMAX24
+20
dBm
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – Human Body Model (HBM)
(JEDEC/ESDA JS-001-2012)
VESDHBM
1000
V
Electrostatic Discharge – Charge Device Model (CDM)
(JEDEC 22-C101F)
VESDCDM
1500
V
[a] Exposure to these maximum RF levels can result in significant VCC current draw due to overdriving the amplifier stages.
[b] Tested using an external 2:1 transformer at the RF input.
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Power Supply Voltage [a]
VCC
VCC pins
4.75
5.25
V
Operating Temperature Range
TEP
Exposed paddle temperature
-40
+115
°C
Junction Temperature
TJMAX
150
°C
RF Frequency Range [b]
fRF
3.0
4.2
GHz
RF_IN Source Impedance
ZRF_IN
Differential
100
Ω
RF_OUT Load Impedance
ZRF_OUT
Single-ended
50
Ω
[a] Although the device will operate with a minimum supply voltage of 3.15V, the performance of the device has been optimized to operate within
a supply voltage range of 4.75V to 5.25V.
[b] To optimize RF performance, different matching components can be used as described in the BOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com