Electronic Components Datasheet Search
  English  ▼

X  

F1429LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1429LB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429LB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1429LB Datasheet HTML 3Page - Renesas Technology Corp F1429LB Datasheet HTML 4Page - Renesas Technology Corp F1429LB Datasheet HTML 5Page - Renesas Technology Corp F1429LB Datasheet HTML 6Page - Renesas Technology Corp F1429LB Datasheet HTML 7Page - Renesas Technology Corp F1429LB Datasheet HTML 8Page - Renesas Technology Corp F1429LB Datasheet HTML 9Page - Renesas Technology Corp F1429LB Datasheet HTML 10Page - Renesas Technology Corp F1429LB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2020 Renesas Electronics Corporation
7
January 31, 2021
F1429MB Datasheet
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Amplitude Imbalance
IMBALAMP
Measures RF_IN- to RF_OUT
and compares RF_IN+ to
RF_OUT amplitude
0.4
dB
Phase Imbalance
IMBALPH
Measures RF_IN- to RF_OUT
and compares RF_IN+ to
RF_OUT phase. Deviation is
from ideal 180 degrees.
0.9
deg
Common Mode Rejection
CMR
31.5
dB
Noise Figure
NF
fRF = 3.0GHz
1.6
dB
fRF = 3.3GHz
1.9
fRF = 3.55GHz
1.8
2
fRF = 3.8GHz
1.6
fRF = 4.2GHz
1.8
Noise Figure Variation over
Temperature
NFTEMP
TEP = -40°C to +115°C
±0.65
dB
Output Third-Order Intercept Point[b]
OIP3
fRF = 3.0GHz
38
dBm
fRF = 3.3GHz
37
fRF = 3.55GHz
TEP = 25°C
40
TEP = -40°C to
+115°C
32
fRF = 3.8GHz
37
fRF = 4.2GHz
37
Output P1dB
OP1dB
fRF = 3.0GHz
21
dBm
fRF = 3.3GHz
21
fRF = 3.55GHz
18
21
fRF = 3.8GHz
20
fRF = 4.2GHz
20
2nd Order Harmonic Distortion[c]
HD2
-34
dBc
3rd Order Harmonic Distortion[c]
HD3
-46
dBc
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that
are not shown in bold italics are guaranteed by design characterization.
[b] OIP3 test conditions: Tone spacing = 5MHz, POUT = +0dBm/tone.
[c] Harmonic Distortion test conditions: POUT = +0dBm/tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com