Electronic Components Datasheet Search
  English  ▼

X  

LM2771 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2771 Datasheet HTML 1Page - National Semiconductor (TI) LM2771 Datasheet HTML 2Page - National Semiconductor (TI) LM2771 Datasheet HTML 3Page - National Semiconductor (TI) LM2771 Datasheet HTML 4Page - National Semiconductor (TI) LM2771 Datasheet HTML 5Page - National Semiconductor (TI) LM2771 Datasheet HTML 6Page - National Semiconductor (TI) LM2771 Datasheet HTML 7Page - National Semiconductor (TI) LM2771 Datasheet HTML 8Page - National Semiconductor (TI) LM2771 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.6V, CIN =C1 = 1.0µF,
C
OUT = 4.7µF, TA =25
oC. Capacitors are low-ESR multi-layer ceramic capacitors (MLCC’s).
Output Voltage vs. Input Voltage
Output Voltage vs. Output Current
20183812
20183814
Efficiency vs. Input Voltage
Efficiency vs. Output Current
20183813
20183826
Input Voltage Ripple, Load=6
Ω(250mA)
Output Voltage Ripple, Load=6
Ω(250mA)
20183815
CH1: VIN,CIN = 1µF; Scale: 50mV/Div, AC Coupled
CH2: VIN,CIN = 10µF; Scale: 50mV/Div, AC Coupled
Time scale: 200ns/Div
20183821
CH2: VOUT,COUT = 4.7µF; Scale: 20mV/Div, AC Coupled
Time scale: 200ns/Div
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com