Electronic Components Datasheet Search
  English  ▼

X  

LM2771 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2771
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2771 Datasheet HTML 2Page - National Semiconductor (TI) LM2771 Datasheet HTML 3Page - National Semiconductor (TI) LM2771 Datasheet HTML 4Page - National Semiconductor (TI) LM2771 Datasheet HTML 5Page - National Semiconductor (TI) LM2771 Datasheet HTML 6Page - National Semiconductor (TI) LM2771 Datasheet HTML 7Page - National Semiconductor (TI) LM2771 Datasheet HTML 8Page - National Semiconductor (TI) LM2771 Datasheet HTML 9Page - National Semiconductor (TI) LM2771 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Information (Continued)
TABLE 1. LM2771 Performance with Different
Capacitor Configurations (Note 14)
CAPACITOR
CONFIGURATION
(V
IN = 3.6V)
TYPICAL
INPUT
RIPPLE
TYPICAL
OUTPUT
RIPPLE
C
IN = 1µF,
C
OUT = 4.7µF,
C
1 = 1µF
45mV
8mV
C
IN = 1µF,
C
OUT = 2.2µF,
C
1 = 1µF
94mV
19mV
C
IN = 0.47µF,
C
OUT = 4.7µF,
C
1 = 1µF
105mV
11mV
C
IN = 0.47µF,
C
OUT = 3.3µF,
C
1 = 1µF
102mV
16mV
C
IN = 0.47µF,
C
OUT = 3.3µF,
C
1 = 0.33µF
120mV
15mV
Note 14: Refer to the text in the Recommended Capacitor Configurations
section for detailed information on the data in this table
Layout Guidelines
Proper board layout will help to ensure optimal performance
of the LM2771 circuit. The following guidelines are recom-
mended:
•
Place capacitors as close to the LM2771 as possible, and
preferably on the same side of the board as the IC.
•
Use short, wide traces to connect the external capacitors
to the LM2771 to minimize trace resistance and induc-
tance.
•
Use a low resistance connection between ground and the
GND pin of the LM2771. Using wide traces and/or mul-
tiple vias to connect GND to a ground plane on the board
is most advantageous.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com