Electronic Components Datasheet Search
  English  ▼

X  

F6923 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F6923
Description  Dual-Channel Low Noise Amplifier 14GHz – 17GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F6923 Datasheet HTML 3Page - Renesas Technology Corp F6923 Datasheet HTML 4Page - Renesas Technology Corp F6923 Datasheet HTML 5Page - Renesas Technology Corp F6923 Datasheet HTML 6Page - Renesas Technology Corp F6923 Datasheet HTML 7Page - Renesas Technology Corp F6923 Datasheet HTML 8Page - Renesas Technology Corp F6923 Datasheet HTML 9Page - Renesas Technology Corp F6923 Datasheet HTML 10Page - Renesas Technology Corp F6923 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
F6923 Datasheet
R35DS0012EU0100
Rev.1.0
Jul 6, 2021
Page 7
4.
Typical Performance Characteristics
Unless stated otherwise, ZS = ZL = 50
Ω on all RF ports, VDD = 0.95V, and TAMB = 25°C.
Figure 4. Gain
Figure 5. Noise Figure
Figure 6. Input Match
Figure 7. Output Match
Figure 8. Input-to-Output Isolation
Figure 9. Channel-to-Channel Isolation
10
12
14
16
18
20
22
24
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
0.5
1
1.5
2
2.5
3
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-40
-30
-20
-10
0
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-40
-30
-20
-10
0
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-50
-40
-30
-20
-10
0
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-80
-60
-40
-20
0
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com