Electronic Components Datasheet Search
  English  ▼

X  

F6923 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F6923
Description  Dual-Channel Low Noise Amplifier 14GHz – 17GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F6923 Datasheet HTML 4Page - Renesas Technology Corp F6923 Datasheet HTML 5Page - Renesas Technology Corp F6923 Datasheet HTML 6Page - Renesas Technology Corp F6923 Datasheet HTML 7Page - Renesas Technology Corp F6923 Datasheet HTML 8Page - Renesas Technology Corp F6923 Datasheet HTML 9Page - Renesas Technology Corp F6923 Datasheet HTML 10Page - Renesas Technology Corp F6923 Datasheet HTML 11Page - Renesas Technology Corp F6923 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
F6923 Datasheet
R35DS0012EU0100
Rev.1.0
Jul 6, 2021
Page 8
Figure 10. Output 1dB Compression
Figure 11. Output Third Order Intercept
Figure 12. Supply Current, Per Channel
Figure 13. IREF Pin Voltage vs Current
-15
-10
-5
0
5
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-5
0
5
10
15
13
14
15
16
17
18
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
0
5
10
15
20
25
30
0.9
0.925
0.95
0.975
1
VDD (V)
-40°C
25°C
85°C
0.2
0.3
0.4
0.5
0.6
0.7
0
50
100
150
200
250
Iref (μA)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com