Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYUSB301X
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB301X Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYUSB301X Datasheet HTML 1Page - Infineon Technologies AG CYUSB301X Datasheet HTML 2Page - Infineon Technologies AG CYUSB301X Datasheet HTML 3Page - Infineon Technologies AG CYUSB301X Datasheet HTML 4Page - Infineon Technologies AG CYUSB301X Datasheet HTML 5Page - Infineon Technologies AG CYUSB301X Datasheet HTML 6Page - Infineon Technologies AG CYUSB301X Datasheet HTML 7Page - Infineon Technologies AG CYUSB301X Datasheet HTML 8Page - Infineon Technologies AG CYUSB301X Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
001-52136 Rev. *Y
www.infineon.com
page 1
2022-08-11
CYUSB301X, CYUSB201X
EZ-USB FX3
SuperSpeed USB Controller
Features
• Universal serial bus (USB) integration
- USB 3.1, Gen 1 and USB 2.0 peripherals compliant with USB 3.1 Specification Revision 1.0 (TID # 340800007)
- 5-Gbps SuperSpeed PHY compliant with USB 3.1 Gen 1
- High-speed On-The-Go (HS-OTG) host and peripheral compliant with OTG Supplement Version 2.0
- Thirty-two physical endpoints
• General programmable interface (GPIF™ II)
- Programmable 100-MHz GPIF II enables connectivity to a wide range of external devices
- 8-, 16-, 24-, and 32-bit data bus
- Up to16 configurable control signals
• Fully accessible 32-bit CPU
- ARM926EJ core with 200-MHz operation
- 512-KB or 256-KB embedded SRAM
• Additional connectivity to the following peripherals
- SPI master at up to 33 MHz
- UART support of up to 4 Mbps
-I2C master controller at 1 MHz
-I2S master (transmitter only) at sampling frequencies of 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, 48 kHz, 96 kHz and
192 kHz
• Selectable clock input frequencies
- 19.2, 26, 38.4, and 52 MHz
- 19.2-MHz crystal input support
• Ultra low-power in core power-down mode
- Less than 60 µA with VBATT on and 20 µA with VBATT off
• Independent power domains for core and I/O
- Core operation at 1.2 V
- I2S, UART, and SPI operation at 1.8 to 3.3 V
-I2C operation at 1.2 V to 3.3 V
•Package options
- 121-ball, 10- × 10-mm, 0.8-mm pitch Pb-free ball grid array (BGA)
-See Table 24 for details on the seven FX3 variants
• EZ-USB® software development kit (SDK) for code development of firmware and PC Applications
- Includes RTOS Framework (using ThreadX Version 5)
- Firmware examples covering all I/O modules
- Visual Studio host examples using C++ and C#
• SuperSpeed explorer board available for rapid prototyping
- Several accessory boards also available:
• Adapter boards for Xilinx/Altera FPGA development
• Adapter board for video development
• CPLD board for concept testing and initial development


Similar Part No. - CYUSB301X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
More results

Similar Description - CYUSB301X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
SuperSpeed USB Analyzer
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com