Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYUSB301X
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB301X Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYUSB301X Datasheet HTML 17Page - Infineon Technologies AG CYUSB301X Datasheet HTML 18Page - Infineon Technologies AG CYUSB301X Datasheet HTML 19Page - Infineon Technologies AG CYUSB301X Datasheet HTML 20Page - Infineon Technologies AG CYUSB301X Datasheet HTML 21Page - Infineon Technologies AG CYUSB301X Datasheet HTML 22Page - Infineon Technologies AG CYUSB301X Datasheet HTML 23Page - Infineon Technologies AG CYUSB301X Datasheet HTML 24Page - Infineon Technologies AG CYUSB301X Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Datasheet
21
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
Power
11
Power
FX3 has the following power supply domains:
• IO_VDDQ: This is a group of independent supply domains for digital I/Os. The voltage level on these supplies is
1.8 V to 3.3 V. FX3 provides six independent supply domains for digital I/Os listed as follows (see Table 7 for
details on each of the power domain signals):
- VIO1: GPIF II I/O
- VIO2: IO2
- VIO3: IO3
- VIO4: UART-/SPI/I2S
-VIO5: I2C and JTAG (supports 1.2 V to 3.3 V)
- CVDDQ: This is the supply voltage for clock and reset I/O. It should be either 1.8 V or 3.3 V based on the voltage
level of the CLKIN signal.
- VDD: This is the supply voltage for the logic core. The nominal supply-voltage level is 1.2 V. This supplies the
core logic circuits. The same supply must also be used for the following:
• AVDD: This is the 1.2-V supply for the PLL, crystal oscillator, and other core analog circuits.
• U3TXVDDQ/U3RXVDDQ: These are the 1.2-V supply voltages for the USB 3.0 interface.
• VBATT/VBUS: Thisis the 3.2-V to6-V battery powersupply forthe USB I/Oandanalog circuits. This supplypowers
the USB transceiver through FX3’s internal voltage regulator. VBATT is internally regulated to 3.3 V.
Note:
No specific power-up sequence for FX3 power domains. Minimum power on reset time of 1 ms should be met and
the power domains must be stable for FX3 operation.
11.1
Power Modes
FX3 supports the following power modes:
• Normal mode: This is the full-functional operating mode. The internal CPU clock and the internal PLLs are
enabled in this mode.
- Normal operating power consumption does not exceed the sum of ICC Core max and ICC USB max (see Table 8
for current consumption specifications).
- The I/O power supplies VIO2, VIO3, VIO4, and VIO5 can be turned off when the corresponding interface is not
in use. VIO1 cannot be turned off at any time if the GPIF II interface is used in the application.
• Low-power modes (see Table 6):
- Suspend mode with USB 3.0 PHY enabled (L1)
- Suspend mode with USB 3.0 PHY disabled (L2)
- Standby mode (L3)
- Core power-down mode (L4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com