Electronic Components Datasheet Search
  English  ▼

X  

SR05L Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # SR05L
Description  3-Line Ultra Low Capacitance TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SR05L Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  SR05L Datasheet HTML 1Page - First Silicon Co., Ltd SR05L Datasheet HTML 2Page - First Silicon Co., Ltd SR05L Datasheet HTML 3Page - First Silicon Co., Ltd SR05L Datasheet HTML 4Page - First Silicon Co., Ltd SR05L Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
0.80
-
1.22
A1
0.013
-
0.15
A2
0.75
0.90
1.07
b
0.30
-
0.51
b1
0.76
-
0.94
c
0.08
-
0.20
D
2.80
2.90
3.04
E
2.10
2.37
2.64
E1
1.20
1.30
1.40
e
1.92BSC
e1
0.20BSC
L
0.40
0.50
0.60
L1
(0.54)
N
4
θ
0°
-
8°
C
2.20
0.087
E1
1.92
0.076
E2
1.72
0.068
G
0.80
0.031
X1
1.00
0.039
X2
1.20
0.047
Y
1.40
0.055
Z
3.60
0.141
Package Mechanical Data
SYM
DIMENSIONS
MILLIMETERS
MIN
NOM
MAX
Suggested Land Pattern
SYM
DIMENSIONS
MILLIMETERS
INCHES
SR05L
2022. 04. 26
5/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com