Electronic Components Datasheet Search
  English  ▼

X  

SR05L Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SR05L
Description  3-Line Ultra Low Capacitance TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SR05L Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SR05L Datasheet HTML 1Page - First Silicon Co., Ltd SR05L Datasheet HTML 2Page - First Silicon Co., Ltd SR05L Datasheet HTML 3Page - First Silicon Co., Ltd SR05L Datasheet HTML 4Page - First Silicon Co., Ltd SR05L Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Peak Pulse Power (tp=8/20μs waveform)
Pppp
75
W
Peak Pulse Current (8/20µs)
Ipp
5
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±25
±20
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
6
V
IT = 1mA
Reverse Leakage Current
IR
0.5
µA
VRWM = 5.0 V
Clamping Voltage
VC
10
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
15
V
IPP = 5A (8 x 20µs pulse)
Junction Capacitance
CJ
0.6
0.8
pF
VR = 0V, f = 1MHz,any I/O pin to
ground
Junction Capacitance
CJ
0.3
0.4
pF
VR = 0V, f = 1MHz,between I/O
pins
Absolute maximum ratings (TA=25℃, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Electrical characteristics (TA=25℃)
Parameter
Symbol Min
Typ
Max Unit
Test Condition
SR05L
2022. 04. 26
2/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com