Electronic Components Datasheet Search
  English  ▼

X  

AA01D Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA01D
Description  1-2 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA01D Datasheet(HTML) 1 Page - Astec America, Inc

  AA01D Datasheet HTML 1Page - Astec America, Inc AA01D Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
1-2 Watts
AA01D
• 1 Year warranty
• 1.25" x 0.34" x 0.57" Case size
• 500Vdc Isolation
• -25°C to +71°C operating temperature
Operating ambient temperature:
-25°C to +71°C (full load, no derating)
Storage temperature: -55°C to +105°C
Humidity: 5% to 95% (non-condensing)
Cooling method: Convection
MTBF: >1,000,000 hours
(MIL-HDBK-217F)
Input
Input range
4.5 - 5.5 Vdc; 10.8 - 13.2 Vdc;
21.6 - 26.4 Vdc
Input reverse voltage
protection
Fuse recommended
Input filter
Capacitor
Efficiency
50-70% typ
Output
Voltage tolerance
Output 1 and 2 - ±3.0%
Line regulation
Output 1 and 2 - ± 1.0%
Load regulation
5V Output Models ±1.0%
Noise/ripple
1% mV P-P (see note1)
Short circuit protection
10 Second Duration
Transient response
250 usec max (50% load change to
within 1% VO Nom)
Switching frequency
25kHz typ
Temperature coefficient
± 0.02%/° C
Isolation
I/O isolation
500Vdc
Isolation resistance
1 x 109 ohms
Total Power:
1-2 Watts
Input Voltages:
5V, 12V, or 24V
No. of Outputs:
Single, Dual
Environmental
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
60
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 60


Similar Part No. - AA01D

ManufacturerPart #DatasheetDescription
logo
Veris. All Rights Reser...
AA01 VERIS-AA01 Datasheet
839Kb / 4P
ENVIRONMENTAL SENSORS
logo
Vishay Barry
AA0100-10-3X BARRY-AA0100-10-3X Datasheet
142Kb / 1P
Aluminum Nitride
11/03/08
AA0100-250-18X BARRY-AA0100-250-18X Datasheet
89Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 08/21/12
AA0175-250-17X BARRY-AA0175-250-17X Datasheet
78Kb / 1P
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
0.5mm Pitch Stacking Type Board-to-Board Connector
More results

Similar Description - AA01D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25 Watts
TSAA-1S053.3 TRUMPOWER-TSAA-1S053.3 Datasheet
26Kb / 1P
DC/DC CONVERTERS 2:1 Input, 8-pin SIP, 1-2 Watts
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com