Electronic Components Datasheet Search
  English  ▼

X  

AA01D Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA01D
Description  1-2 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA01D Datasheet(HTML) 2 Page - Astec America, Inc

  AA01D Datasheet HTML 1Page - Astec America, Inc AA01D Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Maximum
Model
Voltage
Voltage
Voltage
Power
Number
4.5-5.5Vdc
5V @ 0.200A
1W
AA01D-005L-050S
4.5-5.5Vdc
9V @ 0.200A
1.8W
AA01D-005L-090S
4.5-5.5Vdc
12V @ 0.125A
1.5W
AA01D-005L-120S
4.5-5.5Vdc
15V @ 0.100A
1.5W
AA01D-005L-150S
4.5-5.5Vdc
+12V @ 0.060A
-12V @ 0.060A
1.44W
AA01D-005L-120D
4.5-5.5Vdc
+15V @ 0.050A
-15V @ 0.050A
1.5W
AA01D-005L-150D
10.8-13.2Vdc
5V @ 0.200A
1W
AA01D-012L-050S
10.8-13.2Vdc
9V @ 0.200A
1.8W
AA01D-012L-090S
10.8-13.2Vdc
12V @ 0.125A
1.5W
AA01D-012L-120S
10.8-13.2Vdc
15V @ 0.100A
1.5W
AA01D-012L-150S
10.8-13.2Vdc
+12V @ 0.060A
-12V @ 0.060A
1.44W
AA01D-012L-120D
10.8-13.2Vdc
+15V @ 0.050A
-15V @ 0.050A
1.5W
AA01D-012L-150D
21.6-26.4Vdc
5V @ 0.200A
1W
AA01D-024L-050S
21.6-26.4Vdc
9V @ 0.200A
1.8W
AA01D-024L-090S
21.6-26.4Vdc
12V @ 0.125A
1.5W
AA01D-024L-120S
21.6-26.4Vdc
15V @ 0.100A
1.5W
AA01D-024L-150S
21.6-26.4Vdc
+12V @ 0.060A
-12V @ 0.060A
1.44W
AA01D-024L-120D
21.6-26.4Vdc
+15V @ 0.050A
-15V @ 0.050A
1.5W
AA01D-024L-150D
Case Material: Plastic
Weight: 0.3Oz/8Grams
Pin Assignments
Single Output
1.
+Vin
2.
N/C
3.
N/C
9.
N/C
10.
-Vout
11.
+Vout
12.
-Vin
Dual Output
1.
+Vin
2.
-Vout
3.
Com
9.
N\C
10.
Com
11.
+Vout
12.
-Vin
Notes:
1. 20 MHz bandwidth. An external 0.1uf ceramic capacitor
is recommended to be placed from +V out to -V out.
2. All specifications are typical at nominal line, full load,
and 25 ° C unless otherwise noted.
3. All specifications subject to change without notice.
Mechanical drawings are for reference only.
4. Warranty: 1 yr
0.57
[14.5]
0.08
[2.0]
0.34
[8.6]
0.4
[10.2]
1 2
3
9 10 11 12
1.25
[31.8]
0.07
[1.9]
0.10 typ.
[2.54]
1.10
[27.94]
Pin #'s are for
reference only
.020 [0.5]
.010 [0.25]
61
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 61



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com