Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA10C
Description  10/15 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 1 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
10/15 Watts
AA10C/AA15C
• 10/15 W, Single Output
• Unencapsulated package
• 1.0" x 2.0" x 0.38 case
• Unencapsulated package
• Trim and enable functions
Operating ambient temperature range:
-40°C to 60°C (full load, no derating)
Baseplate: N/A
Storage temperature: -55°C to +125°C
Humidity: 5% to 95% (non-condensing)
MTBF: 1.0 Mil hours.
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
36 to 75VDC
Input capacitance
1.4µF typ
No load input power
750mW max
Input reflected ripple (P-P) 10mA max
Efficiency
83% typical (5V)
Output
Voltage tolerance
±1.0%
Line regulation
±0.1% max
Load regulation
±0.2% max
Noise/ripple
100mV P-P (see note 1 & 2)
Short circuit protection
Continuous Power Cycle
Overvoltage protection
Active Disable (125% of nom)
Transient response
500 µS max
(25% step load change to within 1%Vo)
Temperature Coefficient
±0.02/°C
Switching frequency
450kHz
Isolation
I/O isolation
1500 VDC
Isolation resistance
1 x 109 (Ohms)
Isolation capacitance
220pF
Environmental
Safety
Total Power:
10/15 Watts
Input Voltages:
48V
No. of Outputs:
Single
AA10C
AA15C
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
18
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 18


Similar Part No. - AA10C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AA10C-048L-015S ASTEC-AA10C-048L-015S Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AA10C-048L-020S ASTEC-AA10C-048L-020S Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AA10C-048L-033S ASTEC-AA10C-048L-033S Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
More results

Similar Description - AA10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WU100 ETC-WU100 Datasheet
52Kb / 2P
10/15 Watts WU Series
logo
Astec America, Inc
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
15 Watts
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
15 Watts
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
10~15 Watts Switching Adapter
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
logo
TT Electronics.
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
3 watts to 15 watts
PLO TTELEC-PLO Datasheet
374Kb / 2P
3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com