Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA10C
Description  10/15 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 2 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
36-75V
5.0V @ 2.0A
84%
AA10C-048L-050S
36-75V
3.3V @ 3.0A
80%
AA15C-048L-033S
36-75V
5.0V @ 3.0A
84%
AA15C-048L-050S
36-75V
12V @ 1.3A
88%
AA15C-048L-120S
NOTES:
Enable Function
"1" = negative logic enable (std, without "1 or 4" = no enable)
"4" = positive logic enable (std, without "1 or 4" = no enable)
Trim Feature
“9” = Trim option
Single Output
1.
+Vin
2.
-Vin
3.
Output 1
4.
Trim (-9 option)
5.
Comm
6.
Enable (-1, -4 option)
Notes:
1. 20 MHz bandwidth. An external 0.1 uf ceramic capacitor
is recommended to be placed from +V out to comm.
2. Meets EN55022 Class A (-150S/D require 2.2uf input
capacitor). Consult factory for filter recommendations
to meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
4. All specifications subject to change without notice.
5. Mechanical drawings are for reference only.
6. Calculated per MIL HDBK 217F, Ground benign at 25°C,
full load. BELLCORE calculated per TR-NWT-000332
method 1 parts count, Case 1.
7. Warranty: 1 yr
Case Material: N/A
Weight: 1.4 oz/40 grams
Pin Assignments
(15.24)
(20.32)
(50.80)
.40
(10.16)
.200
(5.08)
1.00
(25.40)
.10
(2.54)
.400
(10.16)
.400
(10.16)
.40
(10.16)
.15 MIN.
(3.81)
.040 DIA. TYP.
(1.01)
BOTTOM VIEW
ALL DIMENSIONS ARE IN INCHES (mm)
.60
.800
2.00
1
2
3
4
5
6
19
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com