Electronic Components Datasheet Search
  English  ▼

X  

AA20C Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA20C
Description  20 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA20C Datasheet(HTML) 1 Page - Astec America, Inc

  AA20C Datasheet HTML 1Page - Astec America, Inc AA20C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
20 Watts
AA20C
• 20 W, Single output
• 2:1 Input range
• Unencapsulated package
• 1.6" x 2.0" x 0.38 case
• Replaces AA20B series
• Industry standard package
Operating base temperature range:
-40°C to +105°C (full load, no derating)
Storage temperature: -55°C to +125°C
Humidity: 5% to 95% (non-condensing)
EMI RFI Shielding: Six sided (except 033-M1)
MTBF: 361,000 hours (MIL HDBK-217)
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
36 to 75 VDC
Input capacitance
1.6µF typ (48 models)
No load input power
150mW max
Efficiency
84% typical (5V)
Output
Voltage tolerance
±1.0%
Overall regulation
±2% max
Noise/ripple
1% (mV P-P)
Short circuit protection
Continuous Power Cycle
Overvoltage protection
Zener Clamp (125% of nom)
Transient response
1 msec typical (50% step load
change to within 1%Vo)
Temperature Coefficient
±0.02 °C
Switching frequency
400kHz
Isolation
I/O isolation
1500 VDC
Isolation resistance
1 x 109 (Ohms)
Isolation capacitance
220pF
Environmental
Total Power:
20 Watts
Input Voltages:
48V
No. of Outputs:
Single
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
28
W9959_02_DCDC_001-073_73
2/8/02
3:19 PM
Page 28


Similar Part No. - AA20C

ManufacturerPart #DatasheetDescription
logo
Dubilier
AA2000 DUBILIER-AA2000 Datasheet
95Kb / 1P
ALKALINE
logo
Vishay Barry
AA2000-10-3X BARRY-AA2000-10-3X Datasheet
144Kb / 1P
Aluminum Nitride
12/30/08
AA2000-100-3X BARRY-AA2000-100-3X Datasheet
131Kb / 1P
Aluminum Nitride 20 dB FLANGED ATTENUATOR
Rev. C
AA2000-150-1X BARRY-AA2000-150-1X Datasheet
184Kb / 1P
Aluminum Nitride 20dB FLANGED ATTENUATOR
Rev. A
AA2000-150-4X BARRY-AA2000-150-4X Datasheet
578Kb / 1P
Aluminum Nitride 20dB FLANGED ATTENUATOR
Revision Date 09/12/08
More results

Similar Description - AA20C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
20 Watts
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
20 Watts Embedded Power
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
20 WATTS OUTPUT POWER
logo
Bothhand USA, LP.
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
20 Watts Switching Adapter
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
15/20 Watts
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
POWER 20 Watts
logo
XP Power Limited
RDC20 XPPOWER-RDC20 Datasheet
113Kb / 2P
20 Watts RDC Series
logo
Anaren Microwave
20-50TP ANAREN-20-50TP Datasheet
280Kb / 2P
20 Watts
20-50TPC-S ANAREN-20-50TPC-S Datasheet
218Kb / 2P
20 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com