Electronic Components Datasheet Search
  English  ▼

X  

AA20C Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA20C
Description  20 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA20C Datasheet(HTML) 2 Page - Astec America, Inc

  AA20C Datasheet HTML 1Page - Astec America, Inc AA20C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
36-75 V
3.3V @ 6.0 A
79%
AA20C-048L-0335-M1
36-75 V
5.0V @ 4.0 A
84%
AA20C-048L-050S
36-75 V
12V @ 2.0 A
87%
AA20C-048L-120S
NOTES:
Enable Function
"1" = negative logic enable (std, without "1 or 4" = no enable)
"4" = positive logic enable (std, without "1 or 4" = no enable)
Trim Feature
"9" = Trim feature (std, without "9" no Trim)
Single Output
1.
+Vin
2.
-Vin
3.
No pin
4.
Enable
5.
No pin
6.
Output 1
7.
COM
8.
Trim
Note:
Pins 0.040 in Dia x 0.15 in min
Warranty: 1 yr
Case Material: Metal base/cover
Weight: 2.0 oz./56 grams.
Pin Assignments
0.40
(10.15)
0.15 MIN
(3.81)
0.40 (1.01)
DIA TYP
0.70
(17.75)
1.60
(40.64)
0.40
(10.16)
0.20
(5.08)
0.20
(5.08)
.40
(10.16)
.40
(10.16)
.40
(10.16)
1.80
(45.72)
2.00
(50.80)
0.10 (2.54)
BOTTOM VIEW
ALL DIMENSIONS ARE IN INCHES (mm)
1
2
3
4
5
6
7
8
6
TRIM DOWN
8
TRIM UP
7
8
6
ADJ.
7
8
TRIM DOWN
TRIM UP
TRIM
SINGLE OUTPUT
29
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:19 PM
Page 29



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com