Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 2 Page - Alpha Wire

Part # PVC-105-3
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 2 Page - Alpha Wire

  PVC-105-3 Datasheet HTML 1Page - Alpha Wire PVC-105-3 Datasheet HTML 2Page - Alpha Wire PVC-105-3 Datasheet HTML 3Page - Alpha Wire PVC-105-3 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Other
SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
Physical & Mechanical Properties
1) Temperature Range
-20 to 105°C
2) Tensile Strength
2780psi, Min
ASTM D638
3) Elongation
260%, Min
ASTM D638
4) Specific Gravity
1.35, Max
ASTM D792
Electrical Properties
1) Dielectric Strength
870 V/mil, Min
ASTM D876
2) Volume Resistivity
2x10 14 ohm-cm, Min
ASTM D876
Chemical Properties
1) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
2) Fungus Resistance
Pass
AMS-DTL-23053
3) Halogen Free
No
4) Lead Free
Yes
Packaging
250 FT, 100 FT
Notes
1) Size #24 through Size #1: UL rated for 300V
2) Size 5/16 through Size 2": UL rated for 600V
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication,
information and specifications described herein are subject to errors or omissions and to changes without notice, and
the listing of such information and specifications does not ensure product availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com