Electronic Components Datasheet Search
  English  ▼

X  

PVC-105-3 Datasheet(PDF) 1 Page - Alpha Wire

Part # PVC-105-3
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-3 Datasheet(HTML) 1 Page - Alpha Wire

  PVC-105-3 Datasheet HTML 1Page - Alpha Wire PVC-105-3 Datasheet HTML 2Page - Alpha Wire PVC-105-3 Datasheet HTML 3Page - Alpha Wire PVC-105-3 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. PVC-105-3
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Tubing Type
Tubing Non Shrinkable
2) Tubing Material
PVC
3) Minimum ID(In)
0.229
4) Maximum ID(In)
0.249
5) Nominal Wall Thickness(In)
0.020
6) Color(s)
BLACK, CLEAR
1) UL
Standard 224
VW-1
2) CSA International
Standard 198
3) Military
MIL-I-631D, Type F, Form U, Subform
Ua, Grade C
4) Other
ASTM D 922
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment. Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item. For up-to-date information, please see Alpha's REACH


Similar Part No. - PVC-105-3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PVC-105-3 ALPHAWIRE-PVC-105-3 Datasheet
4Mb / 42P
Better wire management means better harnesses
PVC-105-3/4 ALPHAWIRE-PVC-105-3/4 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
PVC-105-3/8 ALPHAWIRE-PVC-105-3/8 Datasheet
98Kb / 4P
Customer Specification
9/8/2022
PVC-105-34 ALPHAWIRE-PVC-105-34 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
PVC-105-38 ALPHAWIRE-PVC-105-38 Datasheet
4Mb / 42P
Better wire management means better harnesses
More results

Similar Description - PVC-105-3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com