Electronic Components Datasheet Search
  English  ▼

X  

TF3402 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3402
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3402 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3402 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
012345
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=2V
2.5V
3V
4.5V
10V
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
VGS(Volts)
Figure 2: Transfer Characteristics
0
30
6
0
90
120
150
180
024
68
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=2.5V
VGS=10V
VGS=4.5V
0
50
100
150
200
02468
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=2.5V
VGS=4.5V
VGS=10V
ID=2A
25°C
125°C
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Feb,2018 V1.0
3
TF3402



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com