Electronic Components Datasheet Search
  English  ▼

X  

TF3402 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3402
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3402 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3402 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3402 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
70
90
100
125
RθJL
63
80
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±12
Gate-Source Voltage
Drain-Source Voltage
30
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
15
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.25
-55 to 150
ID
4
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Feb,2018 V1.0
1
TF3402
TF3402
V(BR)DSS
RDS(on)MAX
ID
30V
0.070Ω@ 4.5V
4.0A
0.100Ω@ 2.5V
N-Channel 30-V(D-S) MOSFET
0.055Ω@ 10V
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
w
1
2
3
A22TF
General FEATURE
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package


Similar Part No. - TF3402

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF3400 TUOFENG-TF3400 Datasheet
3Mb / 6P
N-Channel 30-V(D-S) MOSFET
Feb,2018 V1.1
TF3400B TUOFENG-TF3400B Datasheet
3Mb / 5P
N-Channel 30-V(D-S) MOSFET
Oct.2021 V1.1
TF3400C TUOFENG-TF3400C Datasheet
3Mb / 5P
N-Channel 30-V(D-S) MOSFET
Apr.2022 V1.0
TF3401 TUOFENG-TF3401 Datasheet
918Kb / 6P
SOT-23 Plastic-Encapsulate MOSFETS
Mar, 2018 V1.0
TF3403 TUOFENG-TF3403 Datasheet
2Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETS
Mar, 2018 V1.0
More results

Similar Description - TF3402

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETs
logo
Microdiode Semiconducto...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com