Electronic Components Datasheet Search
  English  ▼

X  

TF80N80 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF80N80
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF80N80 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF80N80 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TF80N80 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER MOSFET
Features
 80V,80A N-Channel MOSFET
 R
DS(on)(typ.)=6.5mΩ@VGS=10V
 High ruggedness
 Fast switching
 100% avalanche tested
 Exceptional dv/dt capability
Applications
Switching application
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
+30
V
ID
Continuous Drain Current(TC=25℃)
80
A
IDM
Pulsed Drain Current(Note 1 )
320
A
EAS
Single Pulsed Avalanche Energy(Note 2)
260
mJ
PD
Maximum Power Dissipation ( TC=25 ℃ )
230
W
Maximum Power Dissipation ( TC=100℃ )
62.5
W
TJ
Operating Junction Temperature Range
-55 to +175
℃
TSTG
Storage Temperature Range
-55 to +175
℃
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2.Starting TJ=25℃,L=1.0mH,RG=50Ω,ID=37A,VGS=10V
G
D
S
TO-220H
G
D
S
TO-263
G
D
S
TO-220
www.sztuofeng.com
,2018 V1.0
1
Mar
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
TF80N80


Similar Part No. - TF80N80

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF80N03 TUOFENG-TF80N03 Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021V2.0
TF80N04 TUOFENG-TF80N04 Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Aug 2021V1.0
More results

Similar Description - TF80N80

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com