Electronic Components Datasheet Search
  English  ▼

X  

SLG46117 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG46117
Description  Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46117 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46117 Datasheet HTML 9Page - Renesas Technology Corp SLG46117 Datasheet HTML 10Page - Renesas Technology Corp SLG46117 Datasheet HTML 11Page - Renesas Technology Corp SLG46117 Datasheet HTML 12Page - Renesas Technology Corp SLG46117 Datasheet HTML 13Page - Renesas Technology Corp SLG46117 Datasheet HTML 14Page - Renesas Technology Corp SLG46117 Datasheet HTML 15Page - Renesas Technology Corp SLG46117 Datasheet HTML 16Page - Renesas Technology Corp SLG46117 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
000-0046117-113
Page 12 of 89
SLG46117
5.4 Electrical Characteristics (5V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5.0
5.5
V
IQ
Quiescent Current
Static Inputs and Outputs
--
1.0
--
µA
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VAIR
Analog Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
Logic Input
2.640
--
VDD
V
Logic Input with Schmitt Trigger
3.160
--
VDD
V
Low-Level Logic Input
1.230
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
--
--
1.840
V
Logic Input with Schmitt Trigger
--
--
1.510
V
Low-Level Logic Input
--
--
0.780
V
IIH
HIGH-Level Input Current
Logic Input Pins; VIN = 5 V
-1.0
--
1.0
µA
IIL
LOW-Level Input Current
Logic Input Pins; VIN = 0 V
-1.0
--
1.0
µA
VOH
HIGH-Level Output Voltage
Push-Pull 1X,Open Drain PMOS 1X,
IOH = 5 mA
4.150
4.730
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 5 mA
4.300
4.860
--
V
VOL
LOW-Level Output Voltage
Push-Pull 1X,
IOL= 5 mA
--
0.230
0.330
V
Push-Pull 2X,
IOL= 5 mA
--
0.120
0.160
V
Open Drain NMOS 1X,
IOL= 5 mA
--
0.120
0.160
V
Open Drain NMOS 2X,
IOL= 5 mA
--
0.070
0.090
V
IOH
HIGH-Level Output Current
(see Note 1)
Push-Pull 1X, Open Drain PMOS 1X,
VOH = 2.4 V
21.808
29.099
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = 2.4 V
40.598
56.078
--
mA
IOL
LOW-Level Output Current
(see Note 1)
Push-Pull 1X,
VOL = 0.4 V
6.010
9.730
--
mA
Push-Pull 2X,
VOL = 0.4 V
11.585
19.460
--
mA
Open Drain NMOS 1X,
VOL = 0.4 V
11.756
19.460
--
mA
Open Drain NMOS 2X,
VOL = 0.4 V
19.120
35.621
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
73
mA
TJ = 110°C
--
--
35
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
92
mA
TJ = 110°C
--
--
44
mA
TSU
Startup Time
from VDD rising past 1.35 V
--
0.27
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com